Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP234W Fiches technique(PDF) 1 Page - OPTEK Technologies

No de pièce OP234W
Description  Hermetic Infrared Emitting Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTEK [OPTEK Technologies]
Site Internet  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP234W Fiches technique(HTML) 1 Page - OPTEK Technologies

  OP234W Datasheet HTML 1Page - OPTEK Technologies OP234W Datasheet HTML 2Page - OPTEK Technologies OP234W Datasheet HTML 3Page - OPTEK Technologies OP234W Datasheet HTML 4Page - OPTEK Technologies OP234W Datasheet HTML 5Page - OPTEK Technologies OP234W Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .2
01/09
Page 1 of 6
Hermetic Infrared Emitting Diode
OP230 Series
Description:
Each device in this series is a gallium aluminum arsenide (GaAIAs) infrared emitting diode, mounted in a hermetic
metal TO-46 housing. The gallium aluminum arsenide feature provides a higher radiated output than gallium
arsenide at the same forward current.
Each OP231, OP232, OP233, OP234 and OP235 device is lensed to provide a narrow beam angle (18°) between
half power points. The 890 nm wavelength closely matches the spectral response of silicon phototransistors, while
the narrow beam angle – combined with the specified radiant intensity of the OP231 series – facilitates easy
design in beam interrupt applications in conjunction with the OP800 or OP598 series photosensors. The OP231
series is mechanically and spectrally matched to OP800, OP593 and OP598 phototransistors.
Each OP231W, OP232W, OP233W, OP234W and OP235W device is lensed to provide a wide beam angle (50°)
between half power points. The 890 nm wavelength closely matches the spectral response of silicon photo-
transistors, while the wide beam angle provides relatively even illumination over a large area. The OP231W is
mechanically and spectrally matched to the OP800WSL and OP830SL series devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Features:
Focused and non-focused optical light pattern
Enhanced temperature range
TO-46 hermetically sealed package
Mechanically and spectrally matched to other OPTEK devices
Choice of power ranges
Choice of narrow or wide irradiance pattern
Applications:
Non-contact reflective object sensor
Assembly line automation
Machine automation
Machine safety
End of travel sensor
Door sensor
“W”
Series
RoHS
Ordering Information
Part
Number
LED Peak
Wavelength
Output Power
(mW/cm
2)
Min / Max
Total Beam
Angle
Lead
Length
0.50"
OP231
890 nm
1.5 / NA
18°
OP232
2.0 / 6.0
OP233
3.0 / NA
OP234
5.0 / NA
OP235
6.0 / NA
OP231W
1.5 / NA
50°
OP232W
3.5 / 7.0
OP233W
5.0 / NA
OP234W
5.0 / NA
OP235W
6.0 / NA


Numéro de pièce similaire - OP234W

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OP234W OPTEK-OP234W Datasheet
109Kb / 2P
   GaAlAs Hermetic Infrared Emitting Diodes
OP234W OPTEK-OP234W Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP234W TTELEC-OP234W Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
More results

Description similaire - OP234W

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
OP230 OPTEK-OP230_14 Datasheet
305Kb / 6P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP230 TTELEC-OP230 Datasheet
344Kb / 6P
   Hermetic Infrared Emitting Diode
OP215 TTELEC-OP215 Datasheet
837Kb / 3P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP130 OPTEK-OP130_14 Datasheet
234Kb / 4P
   Hermetic Infrared Emitting Diode
OP123 OPTEK-OP123_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
OP130 OPTEK-OP130_06 Datasheet
264Kb / 4P
   Hermetic Infrared Emitting Diode
OP215A OPTEK-OP215A_14 Datasheet
241Kb / 3P
   Hermetic Infrared Emitting Diode
OP223 OPTEK-OP223_14 Datasheet
396Kb / 4P
   Hermetic Infrared Emitting Diode
logo
TT Electronics.
OP123 TTELEC-OP123 Datasheet
343Kb / 4P
   Hermetic Infrared Emitting Diode
logo
OPTEK Technologies
OP235TX OPTEK-OP235TX_14 Datasheet
119Kb / 3P
   High Reliability Hermetic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com