Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N23TX Fiches technique(PDF) 5 Page - OPTEK Technologies

No de pièce 4N23TX
Description  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTEK [OPTEK Technologies]
Site Internet  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N23TX Fiches technique(HTML) 5 Page - OPTEK Technologies

  4N23TX Datasheet HTML 1Page - OPTEK Technologies 4N23TX Datasheet HTML 2Page - OPTEK Technologies 4N23TX Datasheet HTML 3Page - OPTEK Technologies 4N23TX Datasheet HTML 4Page - OPTEK Technologies 4N23TX Datasheet HTML 5Page - OPTEK Technologies 4N23TX Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 5 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Coupled
TR
Output Rise Time
4N22A (TX, TXV)
4N23A (TX, TXV)
4N24A (TX, TXV)
4N47 (TX. TXV)
4N48 (TX. TXV)
4N49 (TX. TXV)
-
-
-
-
-
-
-
-
-
-
-
-
15
15
20
20
20
25
µs
VCC = 10.0 V , IF = 10.0 mA, RL = 100 mA
VCC = 10.0 V , IF = 10.0 mA, RL = 100 mA
VCC = 10.0 V , IF = 10.0 mA, RL = 100 mA
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
TF
Output Fall Time
4N22A (TX, TXV)
4N23A (TX, TXV)
4N24A (TX, TXV)
4N47 (TX. TXV)
4N48 (TX. TXV)
4N49 (TX. TXV)
-
-
-
-
-
-
-
-
-
-
-
-
15
15
20
20
20
25
µs
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 10.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
VCC = 10.0 V , IF = 5.0 mA, RL = 100 Ω
Typical Performance Curves
Forward Voltage vs Forward Current vs Temperature
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
IF - Forward Current (mA)
-55°
-35°
-15°
+5°
+25°
+45°
+65°
+85°
+105°
+125°


Numéro de pièce similaire - 4N23TX

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
4N23TX TTELEC-4N23TX Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
4N23TXV TTELEC-4N23TXV Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

Description similaire - 4N23TX

FabricantNo de pièceFiches techniqueDescription
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com