Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB2518T101 Fiches technique(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce LB2518T101
Description  Notice for TAIYO YUDEN products
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2518T101 Fiches technique(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB2518T101 Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2518T101 Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2518T101 Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2518T101 Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB2518T101 Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LB2518T101 Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LB2518T101 Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LB2518T101 Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LB2518T101 Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
12.Resistance to vibration
Specified Value
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
Inductance change : Within±5%
No significant abnormality in appearance.
Test Methods and
Remarks
LB・LBR・LBC・CB・CBC・CBL・LBM・LBMF・CBMF : According to JIS C5102 clause 8.2.
Vibration type
: A
Directions
: 2 hrs each in X, Y and Z directions. Total:6 hrs
Frequency range
: 10 to 55 to 10 Hz(1min.)
Amplitude
: 1.5mm
Mounting method
: Soldering onto printed board
Recovery
: At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48
hrs.
13.Drop test
Specified Value
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
14.Solderability
Specified Value
LB, LBC, LBR, LBMF Series
At least 90% of surface of terminal electrode is covered by new
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:
Solder temperature
: 245±5℃
Duration
: 5±0.5sec
Flux
: Methanol solution with 25% of colophony
15.Resistance to soldering
Specified Value
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
CB, CBC, CBL, CBMF Series
LBM Series
Inductance change : Within±5%
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:
3 times of reflow oven at 230℃ MIN for 40sec. with peak temperature at 260 ℃ for 5sec.
16.Resisitance to solvent
Specified Value
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Solvent temperature
: Room temperature
Type of solvent
: Isopropyl alcohol
Cleaning conditions
: 90s. Immersion and cleaning.
17.Thermal shock
Specified Value
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:-40~+85℃, maintain times 30min. ,100 cycle
Recovery
: At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.


Numéro de pièce similaire - LB2518T101

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
LB2518T101 TAIYO-YUDEN-LB2518T101 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB2518T101 TAIYO-YUDEN-LB2518T101 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB2518T101 TAIYO-YUDEN-LB2518T101 Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB2518T101K TAIYO-YUDEN-LB2518T101K Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB2518T101K TAIYO-YUDEN-LB2518T101K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

Description similaire - LB2518T101

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com