Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC549C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce BC549C
Description  Switching and Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC549C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  BC549C Datasheet HTML 1Page - Fairchild Semiconductor BC549C Datasheet HTML 2Page - Fairchild Semiconductor BC549C Datasheet HTML 3Page - Fairchild Semiconductor BC549C Datasheet HTML 4Page - Fairchild Semiconductor BC549C Datasheet HTML 5Page - Fairchild Semiconductor BC549C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC546 / BC547 / BC548 / BC549 / BC550 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. Transfer Characteristic
Figure 3. DC Current Gain
Figure 4. Base-Emitter Saturation Voltage and
Collector-Emitter Saturation Voltage
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
I
B = 50μA
I
B = 100μA
I
B = 150μA
I
B = 200μA
I
B = 250μA
I
B = 300μA
I
B = 350μA
I
B = 400μA
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
VCE = 5V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1000
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10
100
1000
10000
IC = 10 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
1
10
100
1000
0.1
1
10
100
f=1MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1
10
100
1000
VCE = 5V
IC[mA], COLLECTOR CURRENT


Numéro de pièce similaire - BC549C

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC549C MOTOROLA-BC549C Datasheet
110Kb / 4P
   Low Noise Transistors
logo
NXP Semiconductors
BC549C PHILIPS-BC549C Datasheet
44Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BC549C SIEMENS-BC549C Datasheet
210Kb / 6P
   NPN Silicon Transistors
logo
Diotec Semiconductor
BC549C DIOTEC-BC549C Datasheet
148Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BC549C NXP-BC549C Datasheet
248Kb / 7P
   NPN general purpose transistors
2004 Oct 11
More results

Description similaire - BC549C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BC557 FAIRCHILD-BC557 Datasheet
43Kb / 4P
   Switching and Amplifier
BC556BTA FAIRCHILD-BC556BTA Datasheet
49Kb / 4P
   Switching and Amplifier
BC856 FAIRCHILD-BC856 Datasheet
68Kb / 5P
   Switching and Amplifier Applications
BC63916 FAIRCHILD-BC63916 Datasheet
56Kb / 3P
   Switching and Amplifier Applications
BC32725BU FAIRCHILD-BC32725BU Datasheet
54Kb / 4P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC849 UTC-BC849_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC807 UTC-BC807 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC856 UTC-BC856 Datasheet
176Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com