Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC547ATA Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BC547ATA
Description  Switching and Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC547ATA Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BC547ATA Datasheet HTML 1Page - Fairchild Semiconductor BC547ATA Datasheet HTML 2Page - Fairchild Semiconductor BC547ATA Datasheet HTML 3Page - Fairchild Semiconductor BC547ATA Datasheet HTML 4Page - Fairchild Semiconductor BC547ATA Datasheet HTML 5Page - Fairchild Semiconductor BC547ATA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC546 / BC547 / BC548 / BC549 / BC550 Rev. 1.1.0
1
April 2014
BC546 / BC547 / BC548 / BC549 / BC550
NPN Epitaxial Silicon Transistor
Features
• Switching and Amplifier
• High-Voltage: BC546, VCEO = 65 V
• Low-Noise: BC549, BC550
• Complement to BC556, BC557, BC558, BC559, and BC560
Ordering Information
Part Number
Marking
Package
Packing Method
BC546ABU
BC546A
TO-92 3L
Bulk
BC546ATA
BC546A
TO-92 3L
Ammo
BC546BTA
BC546B
TO-92 3L
Ammo
BC546BTF
BC546B
TO-92 3L
Tape and Reel
BC546CTA
BC546C
TO-92 3L
Ammo
BC547ATA
BC547A
TO-92 3L
Ammo
BC547B
BC547B
TO-92 3L
Bulk
BC547BBU
BC547B
TO-92 3L
Bulk
BC547BTA
BC547B
TO-92 3L
Ammo
BC547BTF
BC547B
TO-92 3L
Tape and Reel
BC547CBU
BC547C
TO-92 3L
Bulk
BC547CTA
BC547C
TO-92 3L
Ammo
BC547CTFR
BC547C
TO-92 3L
Tape and Reel
BC548BU
BC548
TO-92 3L
Bulk
BC548BTA
BC548B
TO-92 3L
Ammo
BC548CTA
BC548C
TO-92 3L
Ammo
BC549BTA
BC549B
TO-92 3L
Ammo
BC549BTF
BC549B
TO-92 3L
Tape and Reel
BC549CTA
BC549C
TO-92 3L
Ammo
BC550CBU
BC550C
TO-92 3L
Bulk
BC550CTA
BC550C
TO-92 3L
Ammo
1. Collector 2. Base 3. Emitter
TO-92
1


Numéro de pièce similaire - BC547ATA

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BC547ATA FAIRCHILD-BC547ATA Datasheet
141Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

Description similaire - BC547ATA

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BC557 FAIRCHILD-BC557 Datasheet
43Kb / 4P
   Switching and Amplifier
BC556BTA FAIRCHILD-BC556BTA Datasheet
49Kb / 4P
   Switching and Amplifier
BC856 FAIRCHILD-BC856 Datasheet
68Kb / 5P
   Switching and Amplifier Applications
BC63916 FAIRCHILD-BC63916 Datasheet
56Kb / 3P
   Switching and Amplifier Applications
BC32725BU FAIRCHILD-BC32725BU Datasheet
54Kb / 4P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC849 UTC-BC849_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC807 UTC-BC807 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC856 UTC-BC856 Datasheet
176Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com