Moteur de recherche de fiches techniques de composants électroniques |
|
BA5813FM Fiches technique(PDF) 2 Page - Rohm |
|
BA5813FM Fiches technique(HTML) 2 Page - Rohm |
2 / 3 page Application circuit Power supply voltage Quiescent current <BTL driver> Output offset voltage Maximum output voltage Closed loop voltage gain (CH1) Closed loop voltage gain (CH2) Closed loop voltage gain (CH3, 4) <Regulator> Threshold voltage of REG-P pin Output sink current of REG-B pin ICC Voo VOM GVC1 GVC2 GVC3 VREGPTH ISIN mA mV V dB dB dB V mA V 4.3 — 13.2 50 — 19.8 26.3 13.5 1.26 — 0 4.0 18.0 24.5 12.0 1.20 — — –50 3.6 16.2 22.7 10.5 1.14 10 No load (Unless otherwise noted, Ta=25˚C, PREVcc=RVcc=8V, POWVcc1,2=5V, BIAS=1.65V, R L=8Ω ) Electrical characteristics Conditions Parameter Symbol Unit Min. Typ. Max. Parameter Symbol Unit Min. Typ. Max. V 4.3 — PREVcc PREVcc POWVcc Input bias current of REG-P pin <Loading driver> Output saturation voltage 1 Output adjustable gain on "H" side voltage IBOP VSAT1 GVH nA V dB 300 1.5 11.0 20 1.1 9.2 — 0.7 7.4 I L=200mA (Upper + Lower) "H" side output for GND This product is not designed for protection against radioactive rays. Guaranteed operating ranges (Ta=25 ˚C) 17 23 |
Numéro de pièce similaire - BA5813FM |
|
Description similaire - BA5813FM |