Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU-P1825-0 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BU-P1825-0
Description  SOLDERLESS STACKABLE BANANA PLUG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BU-P1825-0 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-P1825-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
BU-P1825-*
(SOLDERLESS STACKABLE BANANA PLUG)
DESCRIPTION:
-Solderless, stackable, standard 4mm banana plug designed for various applications.
-For all types of wire 22 to 18 AWG. with insulation OD’s less than .17” (4 mm)
-Easily field serviceable.
-Wire enters through side hole and is secured with setscrew.
MATERIALS:
Banana Plug:
Nickel Plated Beryllium Copper
Insulation:
Polypropylene
RATINGS:
15 AMPS
Hand free testing to 5000 VRMS
Max Temp: +122˚F (50˚C)
STANDARD COLORS:
BU-P1825- * {* indicates color: -0 BLACK; -2 RED}


Numéro de pièce similaire - BU-P1825-0

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-P1081-12-0 ETC2-BU-P1081-12-0 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
BU-P1081-12-2 ETC2-BU-P1081-12-2 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
BU-P1081-24-0 ETC2-BU-P1081-24-0 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
BU-P1081-24-0 ETC2-BU-P1081-24-0 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
BU-P1081-24-2 ETC2-BU-P1081-24-2 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
More results

Description similaire - BU-P1825-0

FabricantNo de pièceFiches techniqueDescription
logo
3M Electronics
1825-7 3M-1825-7 Datasheet
163Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
Pomona Electronics
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
3M Electronics
1825-5 3M-1825-5 Datasheet
76Kb / 1P
   Standard Banana Plug, Solderless and Stackable
1825-2 3M-1825-2 Datasheet
34Kb / 1P
   Standard Banana Jacks, Solderless and Stackable
logo
Pomona Electronics
1325 POMONA-1325 Datasheet
76Kb / 1P
   Standard Banana Jacks, Solderless and Stackable
1825 POMONA-1825 Datasheet
34Kb / 1P
   Standard Banana Jacks, Solderless and Stackable
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
   Solderless Banana Plug
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
   Stackable Banana Plug
logo
Pomona Electronics
1325-6 POMONA-1325-6 Datasheet
27Kb / 2P
   Do-It-Yourself Banana Plug, Solderless Stackable Type For Standard Banana Jacks
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com