Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU-2323-10-36-2 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BU-2323-10-36-2
Description  Stackable, Retractable Banana Test Lead 10 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BU-2323-10-36-2 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-2323-10-36-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
BU-2323-10-XX-*
(Stackable, Retractable Banana Test Lead 10 AWG)
Coolflex45 cables get their name from the extremely low temperature rise under high current conditons.
Testing under a continuous AC load of 45 Amps resulted in only a 30⁰F (17⁰C) temperature rise.
Coolflex45 cables were also exposed to overcurrent loads of 70 Amps for fifteen seconds and resulted in
only a 14⁰F (8⁰C) temperature rise. (Note, all testing was performed by an independent, certified
laboratory)
• Stackable, retractable banana plugs fit all standard 4mm banana jacks.
• Clear retractable banana sheath provides electrical protection when cable
is not mounted.
• Cable is 10 AWG with a highly flexible silicone jacket. Length is designated
in inches by the “XX” in the part number.
• Ratings: 600V, 45 Amps. @ 105⁰C
• Colors: Designated by “*” in the part number: -0 black, -2 red,
• RoHS Compliant


Numéro de pièce similaire - BU-2323-10-36-2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-2323-10-60-0 ETC2-BU-2323-10-60-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
BU-2323-10-60-2 ETC2-BU-2323-10-60-2 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
More results

Description similaire - BU-2323-10-36-2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-2323-10-60-0 ETC2-BU-2323-10-60-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
BU-P4911A-12-0 ETC2-BU-P4911A-12-0 Datasheet
198Kb / 1P
   RETRACTABLE BANANA TEST LEAD, 18 AWG
BU-P1081-12-0 ETC2-BU-P1081-12-0 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
BU-P1081-24-0 ETC2-BU-P1081-24-0 Datasheet
261Kb / 1P
   STACKABLE MINI-BANANA TEST LEAD
BU-P122505-0 ETC2-BU-P122505-0 Datasheet
306Kb / 1P
   Retractable Banana Plug
logo
Pomona Electronics
6366 POMONA-6366 Datasheet
51Kb / 1P
   Test Lead Set Probe To Retractable Sheath
logo
List of Unclassifed Man...
BU-00249-0 ETC2-BU-00249-0 Datasheet
49Kb / 1P
   Stackable Banana Plug
logo
Pomona Electronics
5343 POMONA-5343 Datasheet
61Kb / 1P
   Retractable Sheath Banana To BNC Male
logo
List of Unclassifed Man...
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
   Test Lead with Stackable Pin Tips
logo
Pomona Electronics
6358 POMONA-6358 Datasheet
48Kb / 1P
   Test Lead, Straight DMM Plug To Retractable Plug
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com