Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU-2030-A-60-2 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce BU-2030-A-60-2
Description  Insulated Alligator Clip to Stackable Banana Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

BU-2030-A-60-2 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-2030-A-60-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Insulated Alligator Clip to Stackable Banana Plug
• Material: Banana Plug: ABS housing, brass body and beryllium copper,
Nickel-plated, nine-leaf cage spring;
Alligator Clip: Nickel plated steel with PVC insulator
Hook-up wire: #20(41/36) AWG tinned copper with 105°C
PVC insulation
• ** Length: -12”(.3m), -24”(.6m), -36”(.9m), -48”(1.2m), -60”(1.5m)
• *Std Colors: -0 Black -2 Red
• Rating: Hands free testing at 300V Category II, 10 Amps
• RoHS Compliant
Part Number:
BU-2030-A-**- *
Description:
Insulated Alligator Clip to
2607
Stackable Banana Plug


Numéro de pièce similaire - BU-2030-A-60-2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-2020-A-12-0 ETC2-BU-2020-A-12-0 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
BU-2020-A-12-2 ETC2-BU-2020-A-12-2 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
BU-2020-A-24-0 ETC2-BU-2020-A-24-0 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
BU-2020-A-24-2 ETC2-BU-2020-A-24-2 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
BU-2020-A-36-0 ETC2-BU-2020-A-36-0 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
More results

Description similaire - BU-2030-A-60-2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BU-31104-0 ETC2-BU-31104-0 Datasheet
225Kb / 1P
   Insulated, Stackable Banana Plug
logo
Pomona Electronics
1960 POMONA-1960 Datasheet
17Kb / 1P
   Alligator Test Clip To Insulated Spade Plug
1166 POMONA-1166 Datasheet
47Kb / 1P
   Alligator Clip To Multi-Stacking Banana Plug Patch Cord
2BA-AL POMONA-2BA-AL Datasheet
85Kb / 1P
   Double Banana Plug to Alligator Clip Breakouts Cable Assembly
logo
List of Unclassifed Man...
BU-63-0 ETC2-BU-63-0 Datasheet
83Kb / 1P
   Insulated Alligator Clip
logo
Pomona Electronics
5788 POMONA-5788 Datasheet
19Kb / 1P
   Insulated Miniature Alligator Test Clip With 2MM Banana Jack
3289 POMONA-3289 Datasheet
22Kb / 1P
   Alligator Clip To Banana Jack With Flex Boot
logo
Pasternack Enterprises,...
PE9933-24-B PASTERNACK-PE9933-24-B Datasheet
144Kb / 1P
   SIGLE WIRE PATCH CORD MINI ALLIGATOR CLIP TO STACKING BANANA PLUG
PE9933-24-R PASTERNACK-PE9933-24-R Datasheet
144Kb / 1P
   SINGLE WIRE PATCH CORD MINI ALLIGATOR CLIP TO STACKING BANANA PLUG
PE9933-60-B PASTERNACK-PE9933-60-B Datasheet
144Kb / 1P
   SINGLE WIRE PATCH CORD MINI ALLIGATOR CLIP TO STACKING BANANA PLUG
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com