Moteur de recherche de fiches techniques de composants électroniques |
|
BU-62-6 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
BU-62-6 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 1 page BU-62-* (INSULATOR FOR BU-60 SERIES ALIGATOR CLIPS) • DESCRIPTION: The BU-62-* Insulators are field installable on a variety of Mueller brand 60 series alligator clips. They are used to prevent alligator clips from shorting against other objects or each other. Use with BU-60, BU-60C, BU-60S, BU-60CS, BU-60TBO, BU-60X and BU-61 • MATERIALS: Flexible PVC; Durometer 60-70 • RATINGS: Max Temp: +160˚F (71˚C) Mueller Insulators are intended for hands free testing at potentials above 42 Volts. The Dielectric strength of the BU-62 Insulator is 23kV. • STANDARD COLORS: {-* Indicates color} -0 BLACK; -2 Red; -4 Yellow; -5 Green; -6 Blue; -9 White RoHS Compliant: Reach Compliant |
Numéro de pièce similaire - BU-62-6 |
|
Description similaire - BU-62-6 |