Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF8NM60ND Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STF8NM60ND
Description  N-channel 600 V, 0.59 , 7 A, FDmesh II Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8NM60ND Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STF8NM60ND Datasheet HTML 4Page - STMicroelectronics STF8NM60ND Datasheet HTML 5Page - STMicroelectronics STF8NM60ND Datasheet HTML 6Page - STMicroelectronics STF8NM60ND Datasheet HTML 7Page - STMicroelectronics STF8NM60ND Datasheet HTML 8Page - STMicroelectronics STF8NM60ND Datasheet HTML 9Page - STMicroelectronics STF8NM60ND Datasheet HTML 10Page - STMicroelectronics STF8NM60ND Datasheet HTML 11Page - STMicroelectronics STF8NM60ND Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical characteristics
STx8NM60ND
8/17
Figure 14. Normalized gate threshold voltage
vs temperature
Figure 15. Normalized on resistance vs
temperature
Figure 16. Source-drain diode forward
characteristics
Figure 17. Normalized BVDSS vs temperature
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
AM03197v1
RDS(on)
1.3
1.1
0.9
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.7
1.5
1.7
1.9
AM03198v1
VSD
0
20
ISD(A)
(V)
10
50
30
40
0.2
0.4
0.6
0.8
1.0
1.2
0
TJ=-50°C
TJ=25°C
TJ=150°C
AM03199v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.93
0.95
0.97
0.99
1.01
1.03
1.05
1.07
AM031200v1


Numéro de pièce similaire - STF8NM60ND

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
STF8NM60ND ISC-STF8NM60ND Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - STF8NM60ND

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB36NM60N STMICROELECTRONICS-STB36NM60N Datasheet
1Mb / 18P
   Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
October 2013 Rev 3
STD13NM60ND STMICROELECTRONICS-STD13NM60ND Datasheet
1Mb / 21P
   N-channel 600 V, 0.32 typ., 11 A, FDmesh II Power MOSFET (with fast diode) in DPAK
STB18NM60ND STMICROELECTRONICS-STB18NM60ND Datasheet
1Mb / 22P
   N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
STW55NM60ND STMICROELECTRONICS-STW55NM60ND Datasheet
147Kb / 9P
   N-channel 600 V - 0.047 廓 - 51 A TO-247 FDmesh??II Power MOSFET (with fast diode)
STF22NM60ND STMICROELECTRONICS-STF22NM60ND Datasheet
790Kb / 13P
   Automotive-grade N-channel 600 V, 0.17 ??typ., 17 A FDmesh??II Power MOSFET in a TO-220FP package
August 2015 Rev 2
STL23NM60ND STMICROELECTRONICS-STL23NM60ND Datasheet
473Kb / 11P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) PowerFLAT??(8x8) HV
STW54NM65ND STMICROELECTRONICS-STW54NM65ND Datasheet
550Kb / 13P
   N-channel 650 V, 0.055 廓, 49 A TO-247 FDmesh??II Power MOSFET
STB23NM60ND STMICROELECTRONICS-STB23NM60ND Datasheet
343Kb / 15P
   N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
STF10NM60ND STMICROELECTRONICS-STF10NM60ND Datasheet
1Mb / 19P
   N-channel 600 V, 0.57, 8 A, DPAK, TO-220FP, TO-220 FDmesh II Power MOSFET (with fast diode)
November 2011 Rev 2
STD11NM60ND STMICROELECTRONICS-STD11NM60ND_10 Datasheet
756Kb / 19P
   N-channel 600 V, 0.37 廓, 10 A, FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com