Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF6611TR1 Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF6611TR1
Description  RoHS compliant containing no lead or bromide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF6611TR1 Fiches technique(HTML) 2 Page - International Rectifier

  IRF6611TR1 Datasheet HTML 1Page - International Rectifier IRF6611TR1 Datasheet HTML 2Page - International Rectifier IRF6611TR1 Datasheet HTML 3Page - International Rectifier IRF6611TR1 Datasheet HTML 4Page - International Rectifier IRF6611TR1 Datasheet HTML 5Page - International Rectifier IRF6611TR1 Datasheet HTML 6Page - International Rectifier IRF6611TR1 Datasheet HTML 7Page - International Rectifier IRF6611TR1 Datasheet HTML 8Page - International Rectifier IRF6611TR1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6611
2
www.irf.com
ƒ Repetitive rating; pulse width limited by max. junction temperature.
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
23
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.0
2.6
m
–––
2.6
3.4
VGS(th)
Gate Threshold Voltage
1.35
–––
2.25
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.7
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
100
–––
–––
S
Qg
Total Gate Charge
–––
37
56
Qgs1
Pre-Vth Gate-to-Source Charge
–––
9.8
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
3.3
–––
nC
Qgd
Gate-to-Drain Charge
–––
12.5
Qgodr
Gate Charge Overdrive
–––
11.4
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
15.8
–––
Qoss
Output Charge
–––
23
–––
nC
RG
Gate Resistance
–––
–––
2.3
td(on)
Turn-On Delay Time
–––
18
–––
tr
Rise Time
–––
57
–––
td(off)
Turn-Off Delay Time
–––
24
–––
ns
tf
Fall Time
–––
6.5
–––
Ciss
Input Capacitance
–––
4860
–––
Coss
Output Capacitance
–––
1030
–––
pF
Crss
Reverse Transfer Capacitance
–––
480
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
110
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
220
(Body Diode)
e
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
24
36
ns
Qrr
Reverse Recovery Charge
–––
16
24
nC
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 22A
Conditions
ƒ = 1.0MHz
VDS = 16V, VGS = 0V
VDD = 16V, VGS = 4.5V
g
VDS = 15V
VGS = 4.5V, ID = 22A
g
VDS = VGS, ID = 250µA
VDS = 24V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 27A
g
TJ = 25°C, IF = 22A
di/dt = 100A/µs
g
TJ = 25°C, IS = 22A, VGS = 0V
g
showing the
integral reverse
p-n junction diode.
ID = 22A
VGS = 0V
VDS = 15V
ID = 22A
VDS = 24V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 4.5V


Numéro de pièce similaire - IRF6611TR1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6611 IRF-IRF6611 Datasheet
248Kb / 9P
   DirectFET Power MOSFET
IRF6611PBF IRF-IRF6611PBF Datasheet
266Kb / 10P
   DirectFET Power MOSFET
IRF6611PBF IRF-IRF6611PBF Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results

Description similaire - IRF6611TR1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6626TR1 IRF-IRF6626TR1 Datasheet
641Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6646TR1 IRF-IRF6646TR1 Datasheet
657Kb / 10P
   RoHS compliant containing no lead or bromide
IRF6655TR1 IRF-IRF6655TR1 Datasheet
271Kb / 11P
   RoHS compliant containing no lead or bromide 
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com