Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU941ZFP Fiches technique(PDF) 3 Page - Cystech Electonics Corp.

No de pièce BU941ZFP
Description  NPN Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BU941ZFP Fiches technique(HTML) 3 Page - Cystech Electonics Corp.

  BU941ZFP Datasheet HTML 1Page - Cystech Electonics Corp. BU941ZFP Datasheet HTML 2Page - Cystech Electonics Corp. BU941ZFP Datasheet HTML 3Page - Cystech Electonics Corp. BU941ZFP Datasheet HTML 4Page - Cystech Electonics Corp. BU941ZFP Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C660FP
Issued Date : 2008.05.20
Revised Date :
Page No. : 3/5
BU941ZFP
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
100
1000
10000
100
1000
10000
100000
Collector Current---IC(mA)
VCE=10V
Saturation Voltage vs Collector Current
100
1000
10000
100
1000
10000
100000
Collector Current---IC(mA)
IC=40IB
VCESAT
IC=80IB
IC=100IB
Saturation Voltage vs Collector Current
100
1000
10000
100
1000
10000
100000
Collector Current---IC(mA)
VBESAT @ IC=40IB
Built-in Diode Forward Characteristics
100
1000
10000
1
10
100
1000
10000
100000
Forward Current---IF(mA)
Power Derating Curve
0
0.5
1
1.5
2
2.5
0
50
100
150
200
Ambient Temperature---TA(℃)
Power Derating Curve
0
10
20
30
40
50
60
0
50
100
150
200
Case Temperature---TC(℃)


Numéro de pièce similaire - BU941ZFP

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BU941ZF3 CYSTEKEC-BU941ZF3 Datasheet
249Kb / 6P
   NPN Epitaxial Planar Transistor
logo
STMicroelectronics
BU941ZFI STMICROELECTRONICS-BU941ZFI Datasheet
496Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS
More results

Description similaire - BU941ZFP

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com