Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC73C168 Fiches technique(PDF) 3 Page - Daewoo Semiconductor

No de pièce DMC73C168
Description  8Bit Single Chip Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAEWOO [Daewoo Semiconductor]
Site Internet  
Logo DAEWOO - Daewoo Semiconductor

DMC73C168 Fiches technique(HTML) 3 Page - Daewoo Semiconductor

  DMC73C168 Datasheet HTML 1Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 2Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 3Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 4Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 5Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 6Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 7Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 8Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 9Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
3
8Bit Single Chip Microcontroller
DMC73C168
1. INTRODUCTION
The DMC73C168 is an 8-Bit microcontroller that contains Prescaler, PLL Frequency Synthesizer
and 2 channel A/D conv erter for Digital Tuning System.
The device is provided with abundant I/O ports and 2 channel serial interface ports (SI/O) controlled
by powerful instruction. The package is 80-pin QFP and hi gh performance CPU and internal peripheral
allow flexible and easy system design in car-stereo, radio tuner and Hi-Fi audio system.
1.1
Key Features
n
CMOS Technology
n
Memory Configuration
l
256 Byte On-Chip RAM Register file plus 128 Byte Peripheral Free RAM
l
Memory-Mapped Ports for Easy Addressing
l
16K-Byte On-Chip ROM
n
On-Chip PLL Frequency Synthesizer with Dual Modules Prescaler
l
Independant Frequency input ports : Max 150MHz at FM, 40MHz at AM
l
Two Types of Frequency Dividing Method : Pulse Swallow and Direct
l
8 Kinds of reference Frequencies : 1, 5, 6.25, 9, 10, 12.5, 25 and 50KHz
n
2 Channel SIO port
n
2 Channel On-Chip Timer
l
16-Bit with 5-Bit Prescaler and 16-Bit capture latch, timer outputs
l
Internal interrupt with Automatic timer Reload
n
On-Chip A/D Converter
l
2-channels with 8 bit resolution
l
Ratiometric Conversion
l
144 Machine-Cycles Conv ersion time (64us)
n
On-Chip IF Counter
l
17-Bit, Gate Time : Program can select from 1ms to 15ms
l
maximum Input Frequency : FM IF = 20MHz, AM IF = 5MHz
n
Easy Interrupt Handling
l
External Interrupts with Schmitt-Trigger Input
l
Software Calls through Interrupt Vectors
l
Software Monitoring of Interrupt Status
l
Precise Interrupt Timing through Capture Latch
n
Selectable Beep clock : 417Hz, 1KHz, 1.25KHz, 2.5KHz
n
64 I/O Pins
l
64 Bidirectional Pins
n
W ide Operating Range
l
Voltage(VDD) : 5V ¡ ¾
10%
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.


Numéro de pièce similaire - DMC73C168

FabricantNo de pièceFiches techniqueDescription
logo
Daewoo Semiconductor
DMC73C167 DAEWOO-DMC73C167 Datasheet
742Kb / 90P
   8Bit Single Chip Microcontroller
More results

Description similaire - DMC73C168

FabricantNo de pièceFiches techniqueDescription
logo
Daewoo Semiconductor
DMC73C167 DAEWOO-DMC73C167 Datasheet
742Kb / 90P
   8Bit Single Chip Microcontroller
logo
AUK corp
SD73C168 AUK-SD73C168 Datasheet
2Mb / 80P
   8BIT SINGLE CHIP MICROCONTROLLER
logo
Zilog, Inc.
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
logo
Daewoo Semiconductor
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
Toshiba Semiconductor
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
   single-chip CMOS microcontroller
logo
Toshiba Semiconductor
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com