Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC73C168 Fiches technique(PDF) 1 Page - Daewoo Semiconductor

No de pièce DMC73C168
Description  8Bit Single Chip Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAEWOO [Daewoo Semiconductor]
Site Internet  
Logo DAEWOO - Daewoo Semiconductor

DMC73C168 Fiches technique(HTML) 1 Page - Daewoo Semiconductor

  DMC73C168 Datasheet HTML 1Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 2Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 3Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 4Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 5Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 6Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 7Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 8Page - Daewoo Semiconductor DMC73C168 Datasheet HTML 9Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
1
8Bit Single Chip Microcontroller
DMC73C168
1. INTRODUCTION
3
1.1 Key Features
3
2. DMC73C168 BLOCK DIAGRAM
5
3. PIN ASSIGNMENT AND DESCRIPTION
6
3.1 DMC73C168 Pin Assignment
6
3.2 Description
8
4. ARCHITECTURE
11
4.1 Register File (RF)
12
4.2 Peripheral File (PF)
12
4.3 Peripheral RAM File (PRF)
12
4.4 Stack Pointer (SP)
13
4.5 Status Register (ST)
13
4.6 Program Counter (PC)
14
4.7 Peripheral File Map
14
4.8 Interrupt and Reset Priorities
33
5. DESCRIPTION OF EACH FUNCTION
34
5.1 Input / Output Ports
34
5.2 Device Initialization
36
5.3 I/O Control Register
36
5.4 Interrupt Logic and External Interrupt
38
5.5 Programmable Timer / Event Counter
41
5.6 A/D Converter
47
5.7 PLL
51
5.8 IF Counter
59
5.9 Serial Communication I/O Ports : SIO1, SIO2
63
6. OTP DEVICE SPECIFICATION
66
6.1 Pin Assignment of OTP and OTP Programming Adapter Board
66
Table of Contents
£Ä£Á£Å£×£Ï£Ï
DAEWOO ELECTRONICS CO., LTD.


Numéro de pièce similaire - DMC73C168

FabricantNo de pièceFiches techniqueDescription
logo
Daewoo Semiconductor
DMC73C167 DAEWOO-DMC73C167 Datasheet
742Kb / 90P
   8Bit Single Chip Microcontroller
More results

Description similaire - DMC73C168

FabricantNo de pièceFiches techniqueDescription
logo
Daewoo Semiconductor
DMC73C167 DAEWOO-DMC73C167 Datasheet
742Kb / 90P
   8Bit Single Chip Microcontroller
logo
AUK corp
SD73C168 AUK-SD73C168 Datasheet
2Mb / 80P
   8BIT SINGLE CHIP MICROCONTROLLER
logo
Zilog, Inc.
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
   CMOS Z8 8BIT MICROCONTROLLER
logo
Daewoo Semiconductor
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
Toshiba Semiconductor
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
   SINGLE CHIP DTS MICROCONTROLLER
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
Samsung semiconductor
S3C72M9 SAMSUNG-S3C72M9 Datasheet
196Kb / 38P
   single-chip CMOS microcontroller
logo
Toshiba Semiconductor
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com