Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N3332B Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce 1N3332B
Description  50 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3332B Fiches technique(HTML) 1 Page - Microsemi Corporation

  1N3332B Datasheet HTML 1Page - Microsemi Corporation 1N3332B Datasheet HTML 2Page - Microsemi Corporation 1N3332B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50 WATT ZENER DIODES
SCOTTSD A L E DIVISION
1N3305 thru 1N3350B
and 1N4549B thru 1N4556B
DESCRIPTION
APPEARANCE
These high power 50 W Zener diodes represented by the JEDEC
registered 1N3305 thru 1N3350B and 1N4549 thru 1N4556B series provide
voltage regulation in a selection over a 3.9 V to 200 V broad range of
voltages. They may be operated up to 50 W with adequate mounting and
heat sinking with their low thermal resistance. These Zeners are also
available in JAN, JANTX, JANTXV military qualifications. Microsemi also
offers numerous other Zener products to meet higher and lower power
applications.
DO- 5
(DO-203AB)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
JEDEC registered 1N3305 thru 1N3350B and
1N4549 thru 1N4556B
Internal solder bond construction
Hermetically sealed (welded)
Zener Voltage 3.9V to 200V.
Also available in JAN, JANTX, and JANTXV
qualifications per MIL-PRF-19500/358 by adding
the JAN, JANTX, or JANTXV prefixes to part
numbers for desired level of screening; (e.g.
JANTX1N3305B, JANTXV1N3318B, etc.
Standard polarity is anode to case
Reverse polarity with cathode to case by
designating R suffix in part number, e.g.
1N3305RB, etc.
Consult factory for surface mount equivalents
Regulates voltage over a broad operating
current and temperature range
Standard voltage tolerances are +/- 5% with B
suffix, +/-10% with an A suffix, and +/-20% with no
suffix
Consult factory for +/-2% or +/-1% with a C or D
suffix respectively
Reverse polarity available
Nonsensitive to ESD per MIL-STD-750 Method
1020
Inherently radiation hard as described in
Microsemi MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
Junction & Storage Temperatures: -65
oC to +175oC
DC Power Dissipation: 50 watts at TC < 75
oC
Power Derating: 0.5 W/
oC above 75oC
Forward Voltage @ 10 A: 1.5 Volts
THERMAL RESISTANCE: 2.0
oC/W maximum
junction to hexagonal base (1.5
oC/W typical)
Solder temperatures: 260
oC for 10 s (max)
CASE: Industry Standard DO-5 (DO-203AB),
11/16 inch hexagonal stud with 1/4-28 threads
welded hermetically sealed metal and glass
FINISH: All external surfaces are corrosion
resistant and terminal solderable.
POLARITY: Standard Polarity units are connected
anode to case. Reverse polarity (cathode to case)
is indicated by Suffix R in part number
WEIGHT: 15 grams
MOUNTING HARDWARE: Consult factory for
optional insulator, bushing, solder terminal,
washers and nut
See package dimensions on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
11-12-2003 REV A


Numéro de pièce similaire - 1N3332B

FabricantNo de pièceFiches techniqueDescription
logo
Naina Semiconductor ltd...
1N3332B NAINA-1N3332B Datasheet
203Kb / 1P
   50W ZENER(DO5)
1N3332B NAINA-1N3332B Datasheet
109Kb / 1P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N3332B NJSEMI-1N3332B Datasheet
309Kb / 2P
   ZENER DIODE
logo
Naina Semiconductor ltd...
1N3332B NAINA-1N3332B Datasheet
149Kb / 2P
   50W Zener Diodes
More results

Description similaire - 1N3332B

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com