Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5406514-2 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce 5406514-2
Description  Single Port Modular Jacks
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

5406514-2 Fiches technique(HTML) 1 Page - Tyco Electronics

  5406514-2 Datasheet HTML 1Page - Tyco Electronics 5406514-2 Datasheet HTML 2Page - Tyco Electronics 5406514-2 Datasheet HTML 3Page - Tyco Electronics 5406514-2 Datasheet HTML 4Page - Tyco Electronics 5406514-2 Datasheet HTML 5Page - Tyco Electronics 5406514-2 Datasheet HTML 6Page - Tyco Electronics 5406514-2 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
9
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Single Port Modular Jacks
Modular Jacks and MRJ21 Product
Material and Finish
Housing — Through-hole: Polyester
(wave solder compatible), UL 94V-0
rated; Surface Mount: Polyphenylene
Sulfide, or High Temp Nylon, UL 94V-0
rated
Contact — .014 [0.36] thk. Phosphor
bronze; plated .000050 [0.00127] gold
in contact area and .000150 [0.00381]
tin-lead on solder tails, over .000050
[0.00127] nickel underplate
Product Facts
Meets or exceeds FCC Part
68 rules and regulations;
REA PE-76; and UL 1863,
Communication Circuit
Accessories
Meets 1000 volt dielectric
requirement Contact to
Contact
Available in both top and
side entry (Right-Angle)
Designed for direct mount-
ing on pc boards
Designed for ease of solder-
ing and board cleaning
Available in both shielded
and unshielded versions
Shielded jack available with
two grounding paths - pc
board and panel
20 dB shielding effective-
ness from 30 MHz to 400
MHz
Selectively gold plated con-
tacts for lower cost
All jacks are UL 94V-0 flame
retardant polyester, stan-
dard color black, unless
specified otherwise
Listed by Underwriters
Laboratories Inc.,
File No. E81956
Certified by Canadian
Standards Association,
File No. LR 7189A
Produced under a Quality
Management System
Certified to ISO 9001
A copy of the
certificate is available
upon request
Specifications
Electrical
Current Rating — 1.5 amp max. @
25°C, derated to 0.2 amp max. @ 70°C
ambient
Voltage Rating — 150 volts AC max.
Dielectric Withstanding Voltage —
1000 VAC, RMS, 60 Hz, 1 min. Contact
to Contact
Mechanical
PC Board Retention — will not
dislodge from pc board when subjected
to 1 lb. [4.4N] pull before soldering and
10 lb. [44N] pull after soldering
Durability — 750 mating cycles
R
R
Technical Documents
Application Specifications
114-02048
114-6040
Product Specifications
108-01163
108-01163-1
108-01163-3
108-01163-4
108-01163-7


Numéro de pièce similaire - 5406514-2

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
5406514-2 MACOM-5406514-2 Datasheet
319Kb / 7P
   Single Port Modular Jacks
5406514-2 MACOM-5406514-2 Datasheet
157Kb / 1P
   MODULAR JACK ASSEMBLY, 6/6 POSITION, SURFACE MOUNT, RIGHT ANGLE, WITH INWARD BOARDLOCKS
More results

Description similaire - 5406514-2

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
6116173-1 MACOM-6116173-1 Datasheet
319Kb / 7P
   Single Port Modular Jacks
5558503-1 MACOM-5558503-1 Datasheet
166Kb / 3P
   Multi-Port Modular Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com