Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC100V20A Fiches technique(PDF) 8 Page - Power-One

No de pièce FC100V20A
Description  F & FC Series DC-DC Converter Input Filters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-ONE [Power-One]
Site Internet  http://www.power-one.com
Logo POWER-ONE - Power-One

FC100V20A Fiches technique(HTML) 8 Page - Power-One

Back Button FC100V20A Datasheet HTML 4Page - Power-One FC100V20A Datasheet HTML 5Page - Power-One FC100V20A Datasheet HTML 6Page - Power-One FC100V20A Datasheet HTML 7Page - Power-One FC100V20A Datasheet HTML 8Page - Power-One FC100V20A Datasheet HTML 9Page - Power-One FC100V20A Datasheet HTML 10Page - Power-One FC100V20A Datasheet HTML 11Page - Power-One FC100V20A Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
MCD10059 Rev. 1.1, 21-Jan-10
Page 8 of 41
www.power-one.com
F & FC Series DC-DC Converter Input Filters
F2410 & F4810, 0-45V/0-80V, 10 Amps, SMT Mount
F4810 (on left) and F2410 Input Filters
F2410 & F4810 Applications
Differential and Common Mode filtering for DC-DC
converters with 48 V and 24 V input:
 Telecommunications
 Data communications
 Distributed Power Solutions
Features
RoHS lead free solder and lead solder exempted
products are available
Maximum current 10 A with no derating
Maximum operating input voltage 80 V
(45 V for F2410 version)
100V/50V 100 ms transient withstand capability
Differential LC-filter stage
Surface mounted design
Small footprint – less than 1 sq. in.
Low profile: 0.378” [9.6 mm] maximum
Low weight: 0.34 oz [9.5 g]
Operation over -40 °C to 85 °C ambient
temperature range
No airflow required up to 85 °C
Enables DC-DC converter compliance with
EN55022 and FCC Class B requirements
conducted emissions
Safety approved to UL/CSA60950-1, EN60950-1,
and IEC60950-1
Description
The F4810 and F2410 Input Filters minimize the conducted and radiated emissions generated by switch mode
DC-DC converters, and allow board designs utilizing DC-DC converters to meet stringent FCC and EN55022
Class B conducted emissions requirements.
Unlike most available off-the-shelf filter modules, the F4810 and F2410, in addition to common mode noise
reduction components, are provisioned with a differential LC-filter stage, which virtually guarantees compliance
with conducted noise standards across the frequency range from 150 kHz to 30 MHz, including fundamental
switching frequency and its harmonics. Test results show headroom of 15-20 dB for conducted noise quasi-peak
levels, in relation to Class B requirements.
F4810/F2410 filters are designed specifically for distributed power solutions in conjunction with dc-dc converters.
Low profile and small size (less than 1 sq. in.) in a surface mount package helps the designer save system board
real estate, and simplifies the layout.
A single filter can be used with multiple converters, and is capable of providing up to 10 A to the converter input
bus at 85 °C. When used as specified within this data sheet, these filters do not require airflow and/or derating at
high temperatures.


Numéro de pièce similaire - FC100V20A

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
FC100V20A POWER-ONE-FC100V20A Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
logo
Bel Fuse Inc.
FC100V20A BEL-FC100V20A Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
FC100V20A-G BEL-FC100V20A-G Datasheet
606Kb / 7P
   End of life (EOL) for certain part numbers with little or no activity
More results

Description similaire - FC100V20A

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
VED15 CUI-VED15 Datasheet
285Kb / 3P
   wide input DC/DC converter
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00_V01 Datasheet
810Kb / 6P
   DC-DC Converter Input Filter
14 December 2021
FRD6-00 BEL-FRD6-00 Datasheet
665Kb / 5P
   DC-DC Converter Input Filter
13 September 2022
logo
Power Systems GmbH+Co.K...
1WS-1205 POWER-SYSTEMS-1WS-1205 Datasheet
178Kb / 4P
   DC-DC Converter UNIT 1W WIDE INPUT RANGE DC-DC CONVERTER
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
   DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
Isahaya Electronics Cor...
VLA400-204 ISAHAYA-VLA400-204 Datasheet
310Kb / 6P
   HIGH VOLTAGE INPUT DC-DC CONVERTER
logo
Mitsubishi Electric Sem...
M57120L MITSUBISHI-M57120L Datasheet
63Kb / 4P
   HIGH VOLTAGE INPUT dc-dc CONVERTER
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
KAWS-1205 POWER-SYSTEMS-KAWS-1205 Datasheet
199Kb / 6P
   DC-DC Converter UNIT 30 W WIDE INPUT RANGE DC-DC CONVERTER
KWS-1205 POWER-SYSTEMS-KWS-1205 Datasheet
209Kb / 6P
   DC-DC Converter UNIT 15 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com