Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT16652CT Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce 74FCT16652CT
Description  16-Bit Registered Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74FCT16652CT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button 74FCT16652CT Datasheet HTML 6Page - Texas Instruments 74FCT16652CT Datasheet HTML 7Page - Texas Instruments 74FCT16652CT Datasheet HTML 8Page - Texas Instruments 74FCT16652CT Datasheet HTML 9Page - Texas Instruments 74FCT16652CT Datasheet HTML 10Page - Texas Instruments 74FCT16652CT Datasheet HTML 11Page - Texas Instruments 74FCT16652CT Datasheet HTML 12Page - Texas Instruments 74FCT16652CT Datasheet HTML 13Page - Texas Instruments 74FCT16652CT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
74FCT162652ATPVCG4
ACTIVE
SSOP
DL
56
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT162652A
74FCT162652ATPVCT
ACTIVE
SSOP
DL
56
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT162652A
74FCT162652CTPACT
ACTIVE
TSSOP
DGG
56
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT162652C
74FCT162652CTPVCG4
ACTIVE
SSOP
DL
56
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT162652C
74FCT162652ETPACT
OBSOLETE
TSSOP
DGG
56
TBD
Call TI
Call TI
-40 to 85
74FCT162652ETPVCT
OBSOLETE
SSOP
DL
56
TBD
Call TI
Call TI
-40 to 85
74FCT16652ATPVCG4
ACTIVE
SSOP
DL
56
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT16652A
74FCT16652ATPVCTG4
ACTIVE
SSOP
DL
56
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT16652A
74FCT16652CTPVCG4
ACTIVE
SSOP
DL
56
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT16652C
74FCT16652CTPVCTG4
ACTIVE
SSOP
DL
56
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT16652C
CY74FCT162652ATPVC
ACTIVE
SSOP
DL
56
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT162652A
CY74FCT162652CTPVC
ACTIVE
SSOP
DL
56
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT162652C
CY74FCT162652ETPAC
OBSOLETE
TSSOP
DGG
56
TBD
Call TI
Call TI
-40 to 85
CY74FCT162652ETPVC
OBSOLETE
SSOP
DL
56
TBD
Call TI
Call TI
-40 to 85
CY74FCT16652ATPVC
ACTIVE
SSOP
DL
56
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT16652A
CY74FCT16652ATPVCT
ACTIVE
SSOP
DL
56
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT16652A
CY74FCT16652CTPVC
ACTIVE
SSOP
DL
56
20
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT16652C
CY74FCT16652CTPVCT
ACTIVE
SSOP
DL
56
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
FCT16652C
CY74FCT16652ETPAC
OBSOLETE
TSSOP
DGG
56
TBD
Call TI
Call TI
-40 to 85


Numéro de pièce similaire - 74FCT16652CT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74FCT16652CTPVCG4 TI-74FCT16652CTPVCG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CTPVCTG4 TI-74FCT16652CTPVCTG4 Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Description similaire - 74FCT16652CT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com