Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS112NTR Fiches technique(PDF) 5 Page - Clare, Inc.

No de pièce TS112NTR
Description  Multifunction Telecom Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

TS112NTR Fiches technique(HTML) 5 Page - Clare, Inc.

  TS112NTR Datasheet HTML 1Page - Clare, Inc. TS112NTR Datasheet HTML 2Page - Clare, Inc. TS112NTR Datasheet HTML 3Page - Clare, Inc. TS112NTR Datasheet HTML 4Page - Clare, Inc. TS112NTR Datasheet HTML 5Page - Clare, Inc. TS112NTR Datasheet HTML 6Page - Clare, Inc. TS112NTR Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS112N
www.clare.com
5
Rev. 2
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
TS112
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
TS112
Typical Turn-On vs.
LED Forward Current
(Load Current = 120mADC)
Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
TS112
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
Forward Current (mA)
0
5
1015202530354045
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
50
TS112
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 2mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
TS112
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
TS112
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.0 -1.5
-1.0
-0.5
0
0.5
1.0
2.0
1.5
TS112
Energy Rating Curve
Time
10
µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100
µs
100ms
1s
10ms
10s
100s
TS112
Typical Normalized CTR vs. Temperature
(VCE = 0.5V)
Temperature (
°C)
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
120
100
1mA
2mA
5mA
10mA
15mA
20mA
TS112
Typical Collector Current vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0
TS112
Typical Normalized CTR vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2
4
6
8
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
TS112
Typical IF for Switch Operation
vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100


Numéro de pièce similaire - TS112NTR

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
TS112 CLARE-TS112 Datasheet
115Kb / 7P
   Multifunction Telecom Switch
logo
Taiwan Semiconductor Co...
TS1123 TSC-TS1123 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX512C0 TSC-TS1123CX512C0 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX515C0 TSC-TS1123CX515C0 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX533C0 TSC-TS1123CX533C0 Datasheet
199Kb / 4P
   Ultra Low Dropout Voltage Regulator Driver with Enable Function
More results

Description similaire - TS112NTR

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
XS170 CLARE-XS170 Datasheet
100Kb / 7P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS120 IXYS-TS120 Datasheet
142Kb / 8P
   Multifunction Telecom Switch
logo
Clare, Inc.
TS117 CLARE-TS117 Datasheet
122Kb / 8P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS117L IXYS-TS117L Datasheet
141Kb / 8P
   Multifunction Telecom Switch
logo
Clare, Inc.
TS120L CLARE-TS120L Datasheet
147Kb / 8P
   Multifunction Telecom Switch
TS117L CLARE-TS117L Datasheet
123Kb / 8P
   Multifunction Telecom Switch
TS190L CLARE-TS190L Datasheet
442Kb / 8P
   Multifunction Telecom Switch
logo
IXYS Corporation
TS122 IXYS-TS122 Datasheet
140Kb / 8P
   Multifunction Telecom Switch
logo
Clare, Inc.
TS118 CLARE-TS118 Datasheet
120Kb / 8P
   Multifunction Telecom Switch
TS190 CLARE-TS190 Datasheet
448Kb / 8P
   Multifunction Telecom Switch
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com