Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSB1151YSTU Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce KSB1151YSTU
Description  Low Collector-Emitter Saturation Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSB1151YSTU Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  KSB1151YSTU Datasheet HTML 1Page - Fairchild Semiconductor KSB1151YSTU Datasheet HTML 2Page - Fairchild Semiconductor KSB1151YSTU Datasheet HTML 3Page - Fairchild Semiconductor KSB1151YSTU Datasheet HTML 4Page - Fairchild Semiconductor KSB1151YSTU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. B, May 2003
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* PW
≤10ms, Duty Cycle≤50%
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse test: PW
≤350µs, Duty Cycle≤2% Pulsed
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
- 60
V
VCEO
Collector-Emitter Voltage
- 60
V
VEBO
Emitter-Base Voltage
- 7
V
IC
Collector Current (DC)
- 5
A
ICP
*Collector Current (Pulse)
- 8
A
IB
Base Current
- 1
A
PC
Collector Dissipation (Ta=25°C)
1.3
W
Collector Dissipation (TC=25°C)
20
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB = - 50V, IE = 0
- 10
µA
IEBO
Emitter Cut-off Current
VEB = - 7V, IC = 0
- 10
µA
hFE1
hFE2
hFE3
* DC Current Gain
VCE = - 1V, IC = - 0.1A
VCE = - 1V, IC = - 2A
VCE = - 2V, IC = - 5A
60
100
50
200
400
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 2A, IB = - 0.2A
- 0.14
- 0.3
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = - 2A, IB = - 0.2A
- 0.9
- 1.2
V
tON
Turn On Time
VCC = - 10V, IC = - 2A
IB1 = - IB2 =0.2A
RL = 5
0.15
1
µs
tSTG
Storage Time
0.78
2.5
µs
tF
Fall Time
0.18
1
µs
Classification
O
Y
G
hFE2
100 ~ 200
160 ~ 320
200 ~ 400
KSB1151
Feature
• Low Collector-Emitter Saturation Voltage
• Large Collector Current
• High Power Dissipation : PC=1.3W (Ta=25°C)
• Complement to KSD 1691
1
TO-126
1. Emitter
2.Collector
3.Base


Numéro de pièce similaire - KSB1151YSTU

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KSB1151 SAMSUNG-KSB1151 Datasheet
160Kb / 5P
   PNP (LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT)
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
logo
Jiangsu Changjiang Elec...
KSB1151 JIANGSU-KSB1151 Datasheet
898Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
KSB1151 DGNJDZ-KSB1151 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
KSB1151-TU DGNJDZ-KSB1151-TU Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
More results

Description similaire - KSB1151YSTU

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
A44 DGNJDZ-A44 Datasheet
304Kb / 1P
   Low Collector-Emitter Saturation Voltage
logo
Infineon Technologies A...
SMBT2222AE6327HTSA1 INFINEON-SMBT2222AE6327HTSA1 Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
BFN19 INFINEON-BFN19_11 Datasheet
529Kb / 6P
   Low collector-emitter saturation voltage
2011-09-30
logo
STMicroelectronics
2STF2280 STMICROELECTRONICS-2STF2280 Datasheet
104Kb / 7P
   Low collector-emitter saturation voltage
January 2010 Rev 1
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
logo
KODENSHI_AUK CORP.
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
   Extremely low collector-to-emitter saturation voltage
DP100 KODENSHI-DP100 Datasheet
89Kb / 3P
   Extremely low collector-to-emitter saturation voltage
DN200 KODENSHI-DN200 Datasheet
176Kb / 4P
   Extremely low collector-to-emitter saturation voltage
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
   Extremely low collector-to-emitter saturation voltage
DN030S KODENSHI-DN030S Datasheet
267Kb / 4P
   Extremely low collector-to-emitter saturation voltage
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com