Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDZTR16B Fiches technique(PDF) 2 Page - Rohm

No de pièce KDZTR16B
Description  Voltage regulation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

KDZTR16B Fiches technique(HTML) 2 Page - Rohm

  KDZTR16B Datasheet HTML 1Page - Rohm KDZTR16B Datasheet HTML 2Page - Rohm KDZTR16B Datasheet HTML 3Page - Rohm KDZTR16B Datasheet HTML 4Page - Rohm KDZTR16B Datasheet HTML 5Page - Rohm KDZTR16B Datasheet HTML 6Page - Rohm KDZTR16B Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
KDZ series
lElectrical characteristics
(Ta= 25°C)
MIN.
TYP.
MAX.
IZ(mA)
MAX.
VR(V)
KDZ 3.6B
3.600
3.813
4.000
40.0
60.0
1.0
KDZ 3.9B
3.900
4.136
4.400
40.0
40.0
1.0
KDZ 4.3B
4.300
4.572
4.800
40.0
20.0
1.0
KDZ 4.7B
4.700
4.924
5.200
40.0
20.0
1.0
KDZ 5.1B
5.100
5.368
5.700
40.0
20.0
1.0
KDZ 5.6B
5.600
5.856
6.300
40.0
20.0
1.5
KDZ 6.2B
6.200
6.509
7.000
40.0
20.0
3.0
KDZ 6.8B
6.800
7.280
7.700
40.0
20.0
3.5
KDZ 7.5B
7.500
7.889
8.400
40.0
20.0
4.0
KDZ 8.2B
8.200
8.655
9.300
40.0
20.0
5.0
KDZ 9.1B
9.100
9.747
10.200
40.0
20.0
6.0
KDZ 10B
10.000
10.310
11.200
40.0
10.0
7.0
KDZ 11B
11.000
11.510
12.300
20.0
10.0
8.0
KDZ 12B
12.000
12.500
13.500
20.0
10.0
9.0
KDZ 13B
13.300
13.820
15.000
20.0
10.0
10.0
KDZ 15B
14.700
15.350
16.500
20.0
10.0
11.0
KDZ 16B
16.200
16.860
18.300
20.0
10.0
12.0
KDZ 18B
18.000
19.000
20.300
20.0
10.0
13.0
KDZ 20B
20.000
20.820
22.400
20.0
10.0
15.0
KDZ 22B
22.000
23.850
24.500
10.0
10.0
17.0
KDZ 24B
24.000
25.310
27.600
10.0
10.0
19.0
KDZ 27B
27.000
28.700
30.800
10.0
10.0
21.0
KDZ 30B
30.000
31.570
34.000
10.0
10.0
23.0
KDZ 33B
33.000
34.950
37.000
10.0
10.0
25.0
KDZ 36B
36.000
39.240
40.000
10.0
10.0
27.0
*
The Zener voltage (Vz) is measured 40ms after power is supplied.
lMARKING
(TYPE NO.)
TYP.
Reverse current
: IR(mA)
Zener voltage : VZ(V)
Symbol
TYPE
TYPE NO.
TYPE
TYPE NO.
KDZ 3.6B
GB
KDZ 12B
VB
KDZ 3.9B
HB
KDZ 13B
WB
KDZ 4.3B
JB
KDZ 15B
XB
KDZ 4.7B
KB
KDZ 16B
YB
KDZ 5.1B
LB
KDZ 18B
ZB
KDZ 5.6B
MB
KDZ 20B
AD
KDZ 6.2B
NB
KDZ 22B
BD
KDZ 6.8B
PB
KDZ 24B
CD
KDZ 7.5B
QB
KDZ 27B
DD
KDZ 8.2B
RB
KDZ 30B
ED
KDZ 9.1B
SB
KDZ 33B
FD
KDZ 10B
TB
KDZ 36B
GD
KDZ 11B
UB
 
2/6
2013.11 - Rev.G


Numéro de pièce similaire - KDZTR16B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
KDZTR10B ROHM-KDZTR10B Datasheet
116Kb / 5P
   Zener diode
KDZTR11B ROHM-KDZTR11B Datasheet
399Kb / 7P
   Voltage regulation
KDZTR13B ROHM-KDZTR13B Datasheet
115Kb / 5P
   Zener diode
More results

Description similaire - KDZTR16B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
   Voltage regulation
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
   Voltage regulation
PTZTE255.6B ROHM-PTZTE255.6B Datasheet
154Kb / 5P
   Voltage regulation
PTZTE2512A ROHM-PTZTE2512A Datasheet
444Kb / 11P
   Voltage regulation
KDZTR11B ROHM-KDZTR11B Datasheet
399Kb / 7P
   Voltage regulation
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
logo
Rohm
PTZTE2516B ROHM-PTZTE2516B Datasheet
154Kb / 5P
   Voltage regulation
UDZSTE-173.0B ROHM-UDZSTE-173.0B Datasheet
158Kb / 2P
   Voltage Regulation
VDZT2R12B ROHM-VDZT2R12B Datasheet
142Kb / 5P
   Voltage regulation
UMZ27NT106 ROHM-UMZ27NT106 Datasheet
136Kb / 3P
   Voltage regulation
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com