Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M-985-01P Fiches technique(PDF) 2 Page - Clare, Inc.

No de pièce M-985-01P
Description  Precise Call Progress and Special Information Tone Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

M-985-01P Fiches technique(HTML) 2 Page - Clare, Inc.

  M-985-01P Datasheet HTML 1Page - Clare, Inc. M-985-01P Datasheet HTML 2Page - Clare, Inc. M-985-01P Datasheet HTML 3Page - Clare, Inc. M-985-01P Datasheet HTML 4Page - Clare, Inc. M-985-01P Datasheet HTML 5Page - Clare, Inc. M-985-01P Datasheet HTML 6Page - Clare, Inc. M-985-01P Datasheet HTML 7Page - Clare, Inc. M-985-01P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications
Parameter
Conditions
Min
Max
Units
Notes
Operating
V
DD
-
2.7
5.5
V
-
Conditions
Power supply noise
0.1 - 5 kHz
-
20
mV p-p
-
Power
Current drain (I
DD)-
-
15
mA
-
V
REF
V
REF
-
48% of V
DD
52% of V
DD
V-
Impedance
-
3.25
8.25
k
Signal
Frequency range
in-band signal
-1
+1
% of f
o
1
Detection,
Level: V
DD = 5.0v
XRANGE = open
-30 (24.5 mV)
0 (775 mV)
dBm
all tones except
XRANGE = V
SS
-40 (7.8 mV)
-10 (245 mV)
dBm
SIT tones.
Level: V
DD = 3.0V
XRANGE = open
-33 (17.4 mV)
-3 (549 mV)
dBm
XRANGE = V
SS
-43 (5.5 mV)
-13 (173.5 mV)
dBm
Duration (t
DD)
-
200
-
ms
Signal drop out bridging time (t
BB)-
-
20
ms
Level skew between adjacent
for detection of both
-
6
dB
inband signals
High level to low level signal for
High = 0 dBm (775 mV)
1
-
s
detection of both (t
IL)
Low = -30 dBm (24.5 mV)
Time to output (t
DO)
SIGIN
≥ -24 dBm
-
200
ms
SIGIN < -24 dBm
-
240
ms
Time from OUT n to STROBE (t
DS)-
-
10
µs
Signal Detection, Frequency Range
-
-
-
-
2
940, 1400, 1800 Level: V
DD = 5.0V
XRANGE = open
-30 (24.5 mV)
0 (775 mV)
dBm
-
Hz
XRANGE = V
SS
-40 (7.8 mV)
-10 (245 mv)
dBm
Level: V
DD = 3.0V
XRANGE = open
-33 (17.4 mV)
-3 (549 mV)
dBm
XRANGE = V
SS
-43 (5.5 mV)
-13 (173.5 mV)
dBm
Duration
-
50
-
ms
Signal drop out bridging time (t
BB)-
-
15
ms
Signal to noise ratio
-
16
-
dB
Signal Rejection, Frequency range
-
-6
+6
% of f
0
1
all tones except
Level: V
DD = 5.0V
XRANGE = open
-
-50 (2.5 mV)
dBm
-
SIT tones.
XRANGE = V
SS
-
-60 (0.8 mv)
dBm
Level: V
DD = 3.0V
XRANGE = open
-
-53 (1.7 mV)
dBm
XRANGE = V
SS
-
-65 (.55 mV)
dBm
Interval duration (t
ID)
-
160
-
ms
Time to end of output (t
IO)
-
-
200
ms
www.clare.com
2
M-985-01
Rev. 1
Absolute Maximum Ratings
Storage Temperature
-40 to 150°C
Operating Ambient Temperature
-40 to 85°C
V
DD
7V
Input Voltage on SIGIN
V
SS - 6.5 to VDD + 0.3V
Input Voltages (except SIGIN)
V
SS - 0.3 to VDD + 0.3 V
Lead Soldering Temperature
260° C for 5 seconds
Note:
Exceeding these ratings may permanently damage the M-985-01.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.


Numéro de pièce similaire - M-985-01P

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02P CLARE-M-980-02P Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02S CLARE-M-980-02S Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
More results

Description similaire - M-985-01P

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
   Precise Call Progress Tone Detector
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
   Call Progress Tone Decoder & ABR Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com