Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA-7251B Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SA-7251B
Description  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SA-7251B Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SA-7251B Datasheet HTML 1Page - List of Unclassifed Manufacturers SA-7251B Datasheet HTML 2Page - List of Unclassifed Manufacturers SA-7251B Datasheet HTML 3Page - List of Unclassifed Manufacturers SA-7251B Datasheet HTML 4Page - List of Unclassifed Manufacturers SA-7251B Datasheet HTML 5Page - List of Unclassifed Manufacturers SA-7251B Datasheet HTML 6Page - List of Unclassifed Manufacturers SA-7251B Datasheet HTML 7Page - List of Unclassifed Manufacturers SA-7251B Datasheet HTML 8Page - List of Unclassifed Manufacturers SA-7251B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
※Please refer to the LIST OF PART NUMBERS when placing orders.
● RoHS compliant
● Low profile of 3.0 mm
● Wide variety (top or side setting, 10 or 16 positions,
J-hook, gull wing or through hole pins) to choose from
● Easy to recognize
● Low-profile side setting type with support terminals is
available
FEATURES
INTERNAL STRUCTURE
Part name
“O” ring
Cover
Rotor
Spacer
Moving contact
Fixed contact
Housing
Terminal pin
Material
Flammability
UL-94HB
UL-94V-0
UL-94V-0
Silicone rubber
Marking cover
Stainless steel (SUS 304)
PPS(Polyphenylenesulphide)
Stainless steel (SUS 304)
Copper alloy, Gold-plated
PPS(Polyphenylenesulphide)
Copper alloy, Gold-plated
PART NUMBER DESIGNATION
S A - 7 0 1 0 T A
Series name
Shape of rotor
0Without knob (Minus slot)
1With knob
2Without knob (Cross slot)
Code format
1
:10 positions, real code
3
:10 positions, complementary code
5
:16 positions, real code
7
:16 positions, complementary code
Shape of terminal
AJ-hook
BGull wing
CThrough hole pins
(Only gull wing availabe for Low-profile side setting type)
Form of packaging
TTaping (Reel)
BlankBulk in plastic bag
(Only taping availabe for Low-profile side setting type)
Setting position
0Top setting
1Side setting
2Low-profile side setting & forward support terminal type
3Low-profile side setting & sideling support terminal type
SA-7000
ROTARY CODED SWITCHES (SMD)
RoHS compliant


Numéro de pièce similaire - SA-7251B

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
SA-7251B COPAL-SA-7251B Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

Description similaire - SA-7251B

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com