Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA-7131A Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce SA-7131A
Description  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SA-7131A Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SA-7131A Datasheet HTML 4Page - List of Unclassifed Manufacturers SA-7131A Datasheet HTML 5Page - List of Unclassifed Manufacturers SA-7131A Datasheet HTML 6Page - List of Unclassifed Manufacturers SA-7131A Datasheet HTML 7Page - List of Unclassifed Manufacturers SA-7131A Datasheet HTML 8Page - List of Unclassifed Manufacturers SA-7131A Datasheet HTML 9Page - List of Unclassifed Manufacturers SA-7131A Datasheet HTML 10Page - List of Unclassifed Manufacturers SA-7131A Datasheet HTML 11Page - List of Unclassifed Manufacturers SA-7131A Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● SA-7011A (Real code)
● SA-7031A (Complementary code)
<Side setting>
● SA-7011B (Real code)
● SA-7031B (Complementary code)
● SA-7011C (Real code)
● SA-7031C (Complementary code)
● SA-7051A (Real code)
● SA-7071A (Complementary code)
● SA-7051B (Real code)
● SA-7071B (Complementary code)
● SA-7051C (Real code)
● SA-7071C (Complementary code)
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.6 L × 0.8 D
7.9
6 – 0.8
t = 0.15
2.54
2.54
5
4
6
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.6 L × 0.8 D
7.9
6 – 0.5
t = 0.15
2.54
2.54
1.9
5.08
5
4
6
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.6 L × 0.8 D
7.9
6 – 0.5
t = 0.15
2.54
2.54
1.9
5.08
8
7 9
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.6 L × 0.8 D
7.9
6 – 0.8
t = 0.15
2.54
2.54
8
7 9
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.6 L × 0.8 D
7.9
6 – 0.8
t = 0.15
2.54
2.54
5
4
6
Production date code
Marking appears only with complementary code
7.2
0.6 W
× 2.6 L × 0.8 D
7.9
6 – 0.8
t = 0.15
2.54
2.54
8
7 9
SA-7000
ROTARY CODED SWITCHES (SMD)


Numéro de pièce similaire - SA-7131A

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
SA-7131A COPAL-SA-7131A Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

Description similaire - SA-7131A

FabricantNo de pièceFiches techniqueDescription
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com