Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4388DY Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI4388DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4388DY Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI4388DY Datasheet HTML 1Page - Vishay Siliconix SI4388DY Datasheet HTML 2Page - Vishay Siliconix SI4388DY Datasheet HTML 3Page - Vishay Siliconix SI4388DY Datasheet HTML 4Page - Vishay Siliconix SI4388DY Datasheet HTML 5Page - Vishay Siliconix SI4388DY Datasheet HTML 6Page - Vishay Siliconix SI4388DY Datasheet HTML 7Page - Vishay Siliconix SI4388DY Datasheet HTML 8Page - Vishay Siliconix SI4388DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
4
Document Number: 74344
S09-0392-Rev. B, 09-Mar-09
Vishay Siliconix
Si4388DY
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS = 10 thru 5 V
3 V
4 V
0
8
16
24
32
40
I D - Drain Current (A)
0.010
0.014
0.018
0.022
0.026
0.030
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
04
8
12
16
20
Qg - Total Gate Charge (nC)
ID = 5 A
VDS = 10 V
VDS = 15 V
VDS = 20 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0.0
0.4
0.8
1.2
1.6
2.0
01
2
3
45
25 °C
- 55 °C
TC = 125 °C
Crss
VDS - Drain-to-Source Voltage (V)
0
240
480
720
960
1200
0
6
12
18
24
30
Coss
Ciss
TJ - Junction Temperature ( °C)
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
ID = 8 A
VGS = 10 V
VGS = 4.5 V


Numéro de pièce similaire - SI4388DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4388DY VISHAY-SI4388DY Datasheet
142Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4388DY VISHAY-SI4388DY_V01 Datasheet
142Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

Description similaire - SI4388DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com