Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAA127L Fiches technique(PDF) 3 Page - Clare, Inc.

No de pièce LAA127L
Description  DUAL POLE OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA127L Fiches technique(HTML) 3 Page - Clare, Inc.

  LAA127L Datasheet HTML 1Page - Clare, Inc. LAA127L Datasheet HTML 2Page - Clare, Inc. LAA127L Datasheet HTML 3Page - Clare, Inc. LAA127L Datasheet HTML 4Page - Clare, Inc. LAA127L Datasheet HTML 5Page - Clare, Inc. LAA127L Datasheet HTML 6Page - Clare, Inc. LAA127L Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LAA127L
www.clare.com
Rev. 2
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LAA127L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LAA127L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
35
30
25
20
15
10
5
0
11.25
11.75
12.25
13.25
12.75
13.75
On-Resistance (
Ω)
LAA127L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
262.5
267.5
272.5
277.5
282.5
287.5
Blocking Voltage (V)
LAA127L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
0.45
0.81
1.17
1.53
0.63
0.99
1.35
LED Current (mA)
25
20
15
10
5
0
LAA127L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC
25
20
15
10
5
0
0.45
0.81
1.17
1.53
0.63
0.99
1.35
LED Current (mA)
)
LAA127L
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.55
0.99
1.43
0.33
0.77
1.21
Turn-On (ms)
25
20
15
10
5
0
LAA127L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
Turn-Off (ms)
25
20
15
10
5
0
0.08
0.05
0.14
0.20
0.17
0.11
LAA127L
Typical Load Current vs. Temperature
Temperature (
°C)
300
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
LAA127L
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
LAA127L
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
290
285
280
275
270
265
260
255
-20
0
20
40
60
80
100
LAA127L
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
5mA
10mA
20mA
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LAA127L
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.180
0.160
0.140
0.120
0.100
0.080
0.060
0.040
0.020
0
-20
0
20
40
60
80
100
5mA


Numéro de pièce similaire - LAA127L

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
LAA127L IXYS-LAA127L Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA127LS IXYS-LAA127LS Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA127LSTR IXYS-LAA127LSTR Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
More results

Description similaire - LAA127L

FabricantNo de pièceFiches techniqueDescription
logo
Clare, Inc.
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
   DUAL POLE OptoMOS Relay
XBB170 CLARE-XBB170 Datasheet
151Kb / 7P
   DUAL POLE OptoMOS Relay
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
   DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
   DUAL POLE OptoMOS Relay
LBA120L CLARE-LBA120L Datasheet
125Kb / 8P
   DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
   Dual Pole OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
   DUAL POLE OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com