Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF5210L-TA3-T Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce UF5210L-TA3-T
Description  -40A, -100V P-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF5210L-TA3-T Fiches technique(HTML) 2 Page - Unisonic Technologies

  UF5210L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF5210L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF5210L-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF5210L-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF5210L-TA3-T Datasheet HTML 5Page - Unisonic Technologies UF5210L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UF5210
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-845.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
VGS=-10V, TC=25°C
ID
-40
A
VGS=-10V, TC=100°C
-29
A
Pulsed (Note 2)
IDM
-140
A
Avalanche Current (Note 2)
IAR
-21
A
Avalanche Energy
Single Pulse (Note 3)
EAS
780
mJ
Repetitive (Note 2)
EAR
20
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
-5.0
V/ns
Power Dissipation (TC=25°C)
PD
200
W
Linear Derating Factor
1.3
W/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive rating; pulse width limited by max. junction temperature.
3. VDD=-25V, Starting TJ=25°C, L=3.5mH, RG=25Ω, IAS=-21A.
4. ISD≤-21A, di/dt≤-480A/µs, VDD≤BVDSS, TJ≤150°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
θJC
0.75
°C/W


Numéro de pièce similaire - UF5210L-TA3-T

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
UF520 MICROSEMI-UF520 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Unisonic Technologies
UF520 UTC-UF520 Datasheet
203Kb / 6P
   9.2A, 100V N-CHANNEL POWER MOSFET
UF520G-TA3-T UTC-UF520G-TA3-T Datasheet
203Kb / 6P
   9.2A, 100V N-CHANNEL POWER MOSFET
UF520G-TA3-T UTC-UF520G-TA3-T Datasheet
197Kb / 6P
   N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
UF520L-TA3-T UTC-UF520L-TA3-T Datasheet
203Kb / 6P
   9.2A, 100V N-CHANNEL POWER MOSFET
More results

Description similaire - UF5210L-TA3-T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RSJ400N10FRA ROHM-RSJ400N10FRA Datasheet
662Kb / 15P
   Nch 100V 40A Power MOSFET
RSJ400N10 ROHM-RSJ400N10 Datasheet
1Mb / 16P
   Nch 100V 40A Power MOSFET
RH6P040BH ROHM-RH6P040BH Datasheet
2Mb / 10P
   Nch 100V 40A Power MOSFET
20220531 - Rev.002
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
   -100V P-Channel Power MOSFET
logo
Unisonic Technologies
UTT30P04 UTC-UTT30P04 Datasheet
142Kb / 3P
   40A, 21V P-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF150 INTERSIL-IRF150 Datasheet
57Kb / 7P
   40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
FRK9160D INTERSIL-FRK9160D Datasheet
48Kb / 6P
   40A, -100V, 0.085 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
logo
Unisonic Technologies
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
   70A, 100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
   -6.8A, -100V P-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P40B10SN SHINDENGEN-P40B10SN Datasheet
1Mb / 7P
   Power MOSFETs 100V, 40A, N-channel
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com