Moteur de recherche de fiches techniques de composants électroniques |
|
SM8S20 Fiches technique(PDF) 1 Page - Socay Electornics Co., Ltd. |
|
SM8S20 Fiches technique(HTML) 1 Page - Socay Electornics Co., Ltd. |
1 / 4 page Surface Mount Transient Voltage Suppressors (TVS) Revision February 21, 2014 1 / 4 @ SOCAY Electronics Co., Ltd. 2014 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SM8S Series 10 To 43 V 6600W SOCAY Electronics Co., Ltd. www.socay.com The SM8S series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. DO-218AB u Junction passivation optimized design passivated anisotropic rectifier technology u TJ=175°C capability suitable for high reliability and automotive requirement u Available in uni-directional polarity only u Low leakage current u Low forward voltage drop u High surge capability u Meets ISO7637-2 surge specification (varied by test condition) u Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C u AEC-Q101 qualified u Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC VWM 10V to 43V PPPM (10/1000µs) 6600W PPPM (10 /10000μs) 5200W PD 8W IFSM 700A TJ max. 175 °C Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting, especially for automotive load dump protection application. Parameter Symbol Value Unit with 10/1000 µs waveform 6600 Peak Pulse Power Dissipation with 10/10000 µs waveform PPPM 5200 Watts Power Dissipation on Infinite Heat Sink at TA=25°C (Fig.1) PD 8.0 Watt Peak Pulse Current with a 10/1000 µs waveform IPPM (1) See Next Table Amps Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3) IFSM 700 Amps Operating junction and Storage Temperature Range TJ , TSTG - 55 to + 175 °C Typical thermal resistance, junction to case R θJC 0.90 °C /Watt Notes: 1. Non-repetitive current pulse derated above TA=25°C Maximum Ratings and Thermal Characteristics (TA=25℃ unless otherwise noted) Functional Diagram Primary Characteristics Uni-direction Cathode Anode Description Features Applications |
Numéro de pièce similaire - SM8S20 |
|
Description similaire - SM8S20 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |