Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU941 Fiches technique(PDF) 4 Page - Nell Semiconductor Co., Ltd

No de pièce BU941
Description  High Voltage lgnition Coil Driver, 15A, 400V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

BU941 Fiches technique(HTML) 4 Page - Nell Semiconductor Co., Ltd

  BU941 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd BU941 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd BU941 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd BU941 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd BU941 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
Page 4 of 5
www.nellsemi.com
Fig.3 Collector-Emitter saturation voltage
Fig.2 DC Current gain
1
10
2
10
3
10
Collector current, l (A)
C
-1
10
4
10
0
10
1
10
V
=10V
CE
125°C
-40°C
T =25°C
C
10A
8
6
4
2
1
4.0
3.5
2.5
1.5
0.5
0
50
100
150
200
Base current, l (mA)
B
Fig.5 Base-Emitter saturation voltage
Fig.4 Collector-Emitter saturation voltage
Collector current, l (mA)
C
Collector current, l (A)
C
125°C
-40°C
T =25°C
C
h
=100
FE
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1
2
4
6
8 10
12
2.4
2.2
2.0
1.8
1.6
1.4
1
1.2
0
2
4
6
8 10
12
h
=100
FE
125°C
-40°C
T =25°C
C
Fig.6 Switching time
Fig.7 Safe operating area
-1
10
1
10
1
2
4
6
8 10
12
ts
tf
Vclamp=300V, V
=12V
CC
h
=100, R
=47Ω,
FE
BE
L=7mH, T =25°C
C
Collector current, l (A)
C
Collector-Emitter voltage, V
(V)
CE
-2
10
-1
10
0
10
1
10
2
10
0
10
1
10
2
10
3
10
l MAX PULSED
C
PULSE OPERATION*
l MAX CONT
C
*For single
non-repelitive pulse
10μs
100μs
1ms
10ms
D.C.
RoHS
RoHS
BU941 Series


Numéro de pièce similaire - BU941

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BU941 STMICROELECTRONICS-BU941 Datasheet
87Kb / 8P
   HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
logo
Unisonic Technologies
BU941 UTC-BU941 Datasheet
179Kb / 4P
   NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
logo
Inchange Semiconductor ...
BU941 ISC-BU941 Datasheet
111Kb / 3P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BU941 SAVANTIC-BU941 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
BU941 JMNIC-BU941 Datasheet
70Kb / 3P
   Silicon NPN Power Transistor
More results

Description similaire - BU941

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Supplies
MURC1540 SS-MURC1540 Datasheet
1Mb / 4P
   400V 15A 60ns Rectifier
Rev 1.0 27/12/22
logo
Fairchild Semiconductor
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Mospec Semiconductor
BUV37 MOSPEC-BUV37 Datasheet
85Kb / 2P
   POWER TRANSISTORS(15A,400V,100W)
logo
Fairchild Semiconductor
RHRP1560 FAIRCHILD-RHRP1560 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
   15A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
MUR1540 INTERSIL-MUR1540 Datasheet
31Kb / 3P
   15A, 400V - 600V Ultrafast Diodes
logo
Fairchild Semiconductor
RURP1560 FAIRCHILD-RURP1560_04 Datasheet
76Kb / 4P
   15A, 400V - 600V Ultrafast Diode
logo
Renesas Technology Corp
RJK4012DPE RENESAS-RJK4012DPE_12 Datasheet
87Kb / 7P
   400V - 15A - MOS FET High Speed Power Switching
RJK4012DPE RENESAS-RJK4012DPE_15 Datasheet
87Kb / 7P
   400V - 15A - MOS FET High Speed Power Switching
logo
Intersil Corporation
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com