Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3320B Fiches technique(PDF) 3 Page - Nell Semiconductor Co., Ltd

No de pièce 2SC3320B
Description  Silicon NPN triple diffusion planar transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC3320B Fiches technique(HTML) 3 Page - Nell Semiconductor Co., Ltd

  2SC3320B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC3320B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC3320B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.1 Collector output characteristics
Fig.2 Base and collector saturation voltage
Fig.3 Switching time
Fig.4 H
-I Characteristics
FE
C
Fig.5 Safe operation area
Base Current l (A)
B
Collector current, l (A)
C
Collector current, l (A)
C
Collector to emitter voltage, V
(V)
CE
Collector emitter voltage, V
(V)
CE
5
2
1
0.5
0.3
0.1
0.05
0.03
5
3
1
0.5
0.1
0.05
0.03
l =1A
C
2A
3A
5A
10A
T = 25
°C
C
300
200
10
5
3
1
0.5
0.03
0.1
0.05
VCE(SAT)
0.01
0.03
0.05
0.1
0.5
1
2
4
0.05 0.1
0.3 0.5
1
3
5
10
20
l = 5l
C
B
T = 25
°C
C
0.3
0.5
1
1.5
25
T = 25
°C
C
V
= 150V
CC
l = 5lB1 = -2.5lB2
C
tSTG
tON
tF
1
3
5
10
20
50
V
= 5V
CE
T = 150°C
C
T = 25
°C
C
75°C
25°C
-50°C
0.05 0.1
0.3 0.5
1
3
5
10 15
2
30
10
5
3
1
0.5
0.3
0.1
0.05
0.03
1
3
5
10
30 50 100
300500 1000
T = 25
°C
C
Single Pulse
DC
P =1ms
W
10
µs
2SC3320B
3
0.02
3
2
15 20
0.2
0.2
2
15
20
100
VBE(SAT)
30
15
2
Page 3 of 3
www.nellsemi.com


Numéro de pièce similaire - 2SC3320B

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
2SC3320 FUJI-2SC3320 Datasheet
109Kb / 3P
   TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING
logo
List of Unclassifed Man...
2SC3320 ETC-2SC3320 Datasheet
78Kb / 1P
   SUPER HIGH SPEED SWITCHING TRANSISTORS
2SC3320 ETC1-2SC3320 Datasheet
81Kb / 2P
   High speed switching transistor
logo
Unisonic Technologies
2SC3320 UTC-2SC3320 Datasheet
100Kb / 5P
   HIGH VOLTAGE HIGH SPEED SWITCHING
logo
Savantic, Inc.
2SC3320 SAVANTIC-2SC3320 Datasheet
210Kb / 4P
   Silicon NPN Power Transistors
More results

Description similaire - 2SC3320B

FabricantNo de pièceFiches techniqueDescription
logo
Nell Semiconductor Co.,...
2SC5027 NELLSEMI-2SC5027 Datasheet
258Kb / 5P
   Silicon NPN triple diffusion planar transistor
2SC5198B NELLSEMI-2SC5198B Datasheet
227Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC2625B NELLSEMI-2SC2625B Datasheet
258Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC3679B NELLSEMI-2SC3679B Datasheet
238Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC4110B NELLSEMI-2SC4110B Datasheet
271Kb / 4P
   Silicon NPN triple diffusion planar transistor
FJA13009 NELLSEMI-FJA13009 Datasheet
278Kb / 4P
   Silicon NPN triple diffusion planar transistor
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
logo
Hi-Sincerity Mocroelect...
HBF4522D HSMC-HBF4522D Datasheet
32Kb / 3P
   NPN TRIPLE DIFFUSION PLANAR TRANSISTOR
logo
Panasonic Semiconductor
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com