Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB4391 Fiches technique(PDF) 1 Page - Cirrus Logic

No de pièce CDB4391
Description  24-Bit, 192 kHz Stereo DAC with Volume Control?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4391 Fiches technique(HTML) 1 Page - Cirrus Logic

  CDB4391 Datasheet HTML 1Page - Cirrus Logic CDB4391 Datasheet HTML 2Page - Cirrus Logic CDB4391 Datasheet HTML 3Page - Cirrus Logic CDB4391 Datasheet HTML 4Page - Cirrus Logic CDB4391 Datasheet HTML 5Page - Cirrus Logic CDB4391 Datasheet HTML 6Page - Cirrus Logic CDB4391 Datasheet HTML 7Page - Cirrus Logic CDB4391 Datasheet HTML 8Page - Cirrus Logic CDB4391 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS4391
24-Bit, 192 kHz Stereo DAC with Volume Control
Features
l Complete Stereo DAC System: Interpolation,
D/A, Output Analog Filtering
l 108 dB Dynamic Range
l 94 dB THD+N
l Direct Stream Digital Mode
l Low Clock Jitter Sensitivity
l +5 V to +3 V Power Supply
l ATAPI Mixing
l On-Chip Digital De-emphasis for 32, 44.1,
and 48 kHz
l Volume Control with Soft Ramp
– 119 dB Attenuation
– 1 dB Step Size
– Zero Crossing Click-Free Transitions
l 36 mW with 3 V supply
l Direct Interface with 5 V to 1.8 V Logic
Description
The CS4391 is a complete stereo digital-to-analog sys-
tem including digital interpolation, fourth-order delta-
sigma digital-to-analog conversion, digital de-emphasis,
volume control, channel mixing and analog filtering. The
advantages of this architecture include: ideal differential
linearity, no distortion mechanisms due to resistor
matching errors, no linearity drift over time and tempera-
ture and a high tolerance to clock jitter.
The CS4391 accepts PCM data at sample rates from
2 kHz to 192 kHz, DSD audio data, consumes very little
power and operates over a wide power supply range.
These features are ideal for DVD, A/V receivers, CD and
set-top box systems.
ORDERING INFORMATION
CS4391-KZ
20-pin TSSOP
-10 to 70 °C
CDB4391
Evaluation Board
I
LRCK
SDATA
(SDA/CDIN)
MCLK
AMUTEC
AOUTA-
AOUTB-
SERIAL
PORT
INTERPOLATION
INTERPOLATOR
(CONTROL PORT)
∆Σ
DAC
DAC
EXTERNAL
ANALOG
FILTER
ANALOG
FILTER
∆Σ
MUTE CONTROL
FILTER
FILTER
RST
SCLK
VOLUME
CONTROL
VOLUME
CONTROL
MIXER
(SCL/CCLK)
(AD0/CS)
AOUTA+
AOUTB+
CMOUT
REFERENCE
FILT+
BMUTEC
M1
M3
M2
MODE SELECT
M0
APR ‘00
DS335PP3


Numéro de pièce similaire - CDB4391

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB4391 CIRRUS-CDB4391 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CDB4391A CIRRUS-CDB4391A Datasheet
892Kb / 24P
   Evaluation Board for CS4391A
More results

Description similaire - CDB4391

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com