Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1962MC Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce LB1962MC
Description  For Fan Motor Single-Phase Full-Wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1962MC Fiches technique(HTML) 5 Page - ON Semiconductor

  LB1962MC Datasheet HTML 1Page - ON Semiconductor LB1962MC Datasheet HTML 2Page - ON Semiconductor LB1962MC Datasheet HTML 3Page - ON Semiconductor LB1962MC Datasheet HTML 4Page - ON Semiconductor LB1962MC Datasheet HTML 5Page - ON Semiconductor LB1962MC Datasheet HTML 6Page - ON Semiconductor LB1962MC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB1962MC
No.A2025-5/7
Design Reference
(1) VCC pin
Power supply pin for control block and motor drive.
Accepts a wide operation voltage range from 3.8 to 16.8V, for 5V/12V dual power supply support.
(2) OUT1, OUT2 pins
Single-phase coil output pins.
Bipolar drive output with upper side inverted and lower side single output. Built-in regenerative circuit regenerates
kickback current between lower side NPN outputs when a diode is used for protection against reverse connection.
(3) IN−, IN+ pins
Hall input signal pins
The Hall signal is amplified into a square wave by the Hall amplifier with hysteresis characteristics of ±3.5mV (typ.).
The Hall input signal amplitude should be 70mV or more.
(4) CT pin
This pin serves for connecting a capacitor between CT and GND.
The capacitor determines the characteristics of the built-in lockup protection circuit for preventing coil burnout in the
case of motor restraint. Once normal motor load is restored, the automatic recovery circuit resets itself.
Changing the capacitance alters the lockup detection time.
When a 0.47 mF capacitor is connected between CT and GND
Lockup detection time
: approx. 0.5s
Lockup protection time/automatic recovery time
: approx. 0.16s (output ON)
approx. 1s (output OFF)
When not using lockup protection function, this pin should be connected to ground.
(5) FG pin
Open-collector output pin for rotation frequency detection.
When IN− = High and IN+ = Low, then FG = Low
When IN− = Low and IN+ = High, then FG = High
(6) ST pin and HB pin
ST pin : When input to this pin is High, motor drive is stopped (OUT is high impedance).
At this time, RD output indicates lockup protection mode OFF.
HB pin : Hall bias switching pin. At ST pin High input, Hall bias is switched to reduce current drain in fan standby
mode.
If not used, both pins should be open.
(7) Thermal protection circuit
When internal temperature Tj of IC reaches 180
°C, output current limiter is activated to protect against damage.


Numéro de pièce similaire - LB1962MC

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1962M SANYO-LB1962M Datasheet
47Kb / 7P
   Fan Motor Single-Phase Full-Wave Drivers
LB1962M SANYO-LB1962M Datasheet
142Kb / 7P
   For Fan Motor Single-Phase Full-Wave Driver
More results

Description similaire - LB1962MC

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6908F ROHM-BA6908F Datasheet
101Kb / 8P
   Single-phase full-wave motor driver for fan motor
BD6709FS ROHM-BD6709FS Datasheet
241Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BH6779FVM ROHM-BH6779FVM Datasheet
220Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6963AFUJ ROHM-BD6963AFUJ Datasheet
115Kb / 4P
   Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Unisonic Technologies
F6908 UTC-F6908_10 Datasheet
210Kb / 7P
   SINGLE-PHASE FULL-WAVE MOTOR DRIVER FOR FAN MOTOR
logo
Shaoxing Devechip Micro...
SDC11556 SDC-SDC11556 Datasheet
314Kb / 8P
   Single-Phase Full-Wave Motor Driver for Fan Motor
logo
AMtek SEMICONDUCTORS CO...
AM7301 AMTEK-AM7301 Datasheet
474Kb / 12P
   Single Phase Full-Wave Motor Driver for Fan Motor
May. 2011 V1.5
logo
Rohm
BD6722FS ROHM-BD6722FS_1 Datasheet
149Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BA6906F ROHM-BA6906F_1 Datasheet
114Kb / 4P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6721FS ROHM-BD6721FS Datasheet
316Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6722FS ROHM-BD6722FS Datasheet
314Kb / 6P
   Single-Phase Full-Wave Motor Driver for Fan Motor
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com