Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4298-KQ Fiches technique(PDF) 5 Page - Cirrus Logic

No de pièce CS4298-KQ
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298-KQ Fiches technique(HTML) 5 Page - Cirrus Logic

  CS4298-KQ Datasheet HTML 1Page - Cirrus Logic CS4298-KQ Datasheet HTML 2Page - Cirrus Logic CS4298-KQ Datasheet HTML 3Page - Cirrus Logic CS4298-KQ Datasheet HTML 4Page - Cirrus Logic CS4298-KQ Datasheet HTML 5Page - Cirrus Logic CS4298-KQ Datasheet HTML 6Page - Cirrus Logic CS4298-KQ Datasheet HTML 7Page - Cirrus Logic CS4298-KQ Datasheet HTML 8Page - Cirrus Logic CS4298-KQ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
CS4298
DS315PP2
5
1. CHARACTERISTICS AND SPECIFICATIONS
AUDIO ANALOG CHARACTERISTICS (Standard test conditions unless otherwise noted:
Tambient = 25° C, AVdd = 5.0 V ±5%, DVdd = 3.3 V ±5%; 1 kHz Input Sine wave; Sample Frequency, Fs = 48 kHz;
ZAL=10 kΩ/680 pF load CDL = 18 pF load (Note 1); Measurement bandwidth is 20 Hz - 20 kHz, 18-bit linear coding
for ADC, 20-bit linear coding for DAC; Mixer registers set for unity gain.
Notes: 1. ZAL refers to the analog output pin loading and CDL refers to the digital output pin loading.
2. Parameter definitions are given in the
Parameter and Term Definitions section.
3. Path refers to the signal path used to generate this data. These paths are defined in the
Parameter and
Term Definition section.
4. Typical measured with ZAL =47kΩ/680 pF load.
5. This specification is guaranteed by silicon characterization, it is not production tested.
Parameter (Note 2)Symbol
Path
(Note 3)
CS4298-KQ
CS4298-JQ
Unit
Min
Typ
Max
Min
Typ
Max
Full Scale Analog Input Voltage
Line Inputs
Mic Inputs
(20 dB=0)
Mic Inputs
(20 dB=1)
A-D
A-D
A-D
0.91
0.91
0.091
1.00
1.00
0.10
-
-
-
0.91
0.91
0.091
1.00
1.00
0.10
-
-
-
VRMS
VRMS
VRMS
Full Scale Output Voltage
(Note 4)
Line and Alternate Line Outputs
D-A
0.91
1.0
1.13
0.91
1.0
1.13
VRMS
Frequency Response
Analog
Ac = ± 0.5 dB
DAC
Ac = ± 0.5 dB
ADC
Ac = ± 0.5 dB
FR
A-A
D-A
A-D
20
20
20
-
-
-
20,000
20,000
20,000
20
20
20
-
-
-
20,000
20,000
20,000
Hz
Hz
Hz
Dynamic Range
Stereo Analog inputs to LINE_OUT
Mono Analog inputs to LINE_OUT
DAC Dynamic Range
ADC Dynamic Range
DR
A-A
A-A
D-A
A-D
90
85
85
85
95
90
90
90
-
-
-
-
-
-
-
-
90
85
87
85
-
-
-
-
dB FS A
dB FS A
dB FS A
dB FS A
DAC SNR (-20 dB FS input w/
CCIR-RMS filter on output)
SNR
D-A
-
63
-
-
-
-
dB
Total Harmonic Distortion + Noise
(-3 dB FS input signal):
Line/Alternate Line Output
DAC
ADC
(all inputs except phone/mic)
ADC
(phone/mic)
THD+N
A-A
D-A
A-D
A-D
-
-
-
-
-94
-86
-87
-87
-80
-80
-80
-74
-
-
-
-
-
-
-
-
-74
-74
-74
-74
dB FS A
dB FS A
dB FS A
dB FS A
Power Supply Rejection Ratio
(1 kHz, 0.5 VRMS w/ 5 V DC offset)(Note 5)
40
60
-
-
40
-
dB
Interchannel Isolation
70
87
-
-
87
-
dB
Spurious Tone
(Note 5)
-
-100
-
-
-100
-
dB FS
Input Impedance
(Note 5)
10
-
-
10
-
-
k
External Load Impedance
10
-
-
10
-
-
k
Output Impedance
(Note 5)
-
730
-
-
730
-
W
Input Capacitance
(Note 5)
-
5
-
-
5
-
pF
Vrefout
2.0
2.3
2.4
2.0
2.3
2.4
V


Numéro de pièce similaire - CS4298-KQ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4291 CIRRUS-CS4291 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
CS4291 CIRRUS-CS4291 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4294-JQ CIRRUS-CS4294-JQ Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4294-KQ CIRRUS-CS4294-KQ Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
More results

Description similaire - CS4298-KQ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
   AC 97 Audio Touchpanel CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com