Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD18V32D-C Fiches technique(PDF) 2 Page - Socay Electornics Co., Ltd.

No de pièce ESD18V32D-C
Description  Transient Voltage Suppressors for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOCAY [Socay Electornics Co., Ltd.]
Site Internet  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD18V32D-C Fiches technique(HTML) 2 Page - Socay Electornics Co., Ltd.

  ESD18V32D-C Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD18V32D-C Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD18V32D-C Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Transient Voltage Suppressors for ESD Protection
Revision January 06, 2014
2 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESDXXV32D-C Series
SOCAY Electronics Co., Ltd.
www.socay.com
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage
@ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse leakage Current
@ VRWM
IT
Test Current
VB
Breakdown Voltage
@ IT
VC
Part Number
Device
Marking
VRWM
(V)
(Max.)
VB
(V)
(Min.)
IT
(mA)
VC
@1A
(Max.)
(Max.)
(@A)
IR
(
μA)
(Max.)
C
(pF)
(Typ.)
ESD03V32D-C
2A
3.3
4.0
1
7.5
16
25
200
350
ESD05V32D-C
2B
5
6.0
1
9.8
17
24
10
260
ESD08V32D-C
2C
8
8.5
1
13.4
20
18
5
120
ESD12V32D-C
2D
12
13.3
1
19
25
13
1
110
ESD15V32D-C
2J
15
16.7
1
24
30
6
1
100
ESD18V32D-C
2K
18
19.0
1
28
35
8
1
90
ESD24V32D-C
2H
24
26.7
1
43
52
6
1
75
ESD36V32D-C
2N
36
40
1
60
75
4
1
35
ESD48V32D-C
2P
48
50
1
65
85
3
1
25
Fig1.
8/20
μs Pulse Waveform
Fig2. ESD Pulse Waveform (according to IEC 61000-4-2)
I-V Curve Characteristics
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
IPP
I
V
IT
IR
VRW VBR
R
VC
IT
IR
IPP
VRW
VBR
R
VC
Bi-directional
Characteristic Curves
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
t - Time (
μs)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%


Numéro de pièce similaire - ESD18V32D-C

FabricantNo de pièceFiches techniqueDescription
logo
UN Semiconducctor INC
ESD18V32D-C UNSEMI-ESD18V32D-C Datasheet
895Kb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Description similaire - ESD18V32D-C

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Weitron Technology
ESD5Z5.0C WEITRON-ESD5Z5.0C Datasheet
457Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
SeCoS Halbleitertechnol...
SZMD12C SECOS-SZMD12C Datasheet
204Kb / 2P
   Transient Voltage Suppressors for ESD Protection
logo
Socay Electornics Co., ...
ESD3.3V32D-LA SOCAY-ESD3.3V32D-LA Datasheet
236Kb / 3P
   Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
   Transient Voltage Suppressors for ESD Protection
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
   Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com