Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD05V08S-4C Fiches technique(PDF) 1 Page - Socay Electornics Co., Ltd.

No de pièce ESD05V08S-4C
Description  Transient Voltage Suppressors Array for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOCAY [Socay Electornics Co., Ltd.]
Site Internet  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD05V08S-4C Fiches technique(HTML) 1 Page - Socay Electornics Co., Ltd.

  ESD05V08S-4C Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD05V08S-4C Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD05V08S-4C Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transient Voltage Suppressors Array for ESD Protection
Revision January 06, 2014
1 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESDXXV08S-4C Series
SOCAY Electronics Co., Ltd.
www.socay.com
SO-08
The ESDXXV08S-4C is in an SO-08 package and may be used
to protect two high-speed line pairs. The
“flow-thru” design
minimizes trace inductance and reduces voltage overshoot
associated with ESD events. The low clamping voltage of the
ESDXXV08S-4C
minimizes the stress on the protected IC.
u
500 Watts Peak Pulse Power per Line (tp=8/20
μs)
u
Protects four bidirectional I/O lines
u
Low clamping voltage
u
Working voltages : 3.3V, 5V, 12V, 15V and 24V
u
Low leakage current
u
IEC61000-4-2 (ESD)
±15kV (air), ±8kV (contact)
u
IEC61000-4-4 (EFT) 40A (5/50
ηs)
u
IEC61000-4-5 (Lightning) 12A (8/20
μs)
u
RS-232, RS-422 & RS-423 Data Lines
u
Audio/Video Inputs
u
Wireless Network Systems
u
Digit Video Interface (DVI)
u
Medical Sensors
u
Notebook Computers
u
JEDEC SO-08 Package
u
Molding Compound Flammability Rating : UL 94V-0
u
Weight 70 Milligrams (Approximate)
u
Quantity Per Reel :3,000pcs
u
Reel Size : 13 inch
u
Lead Finish : Lead Free
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp=8/20
μs waveform)
500
W
TL
Lead Soldering Temperature
260 (10sec)
ºC
TSTG
Storage Temperature Range
-55 to +150
ºC
TJ
Operating Temperature Range
-55 to +150
ºC
Air Discharge
±15
IEC61000-4-2 (ESD)
Contact Discharge
±8
KV
IEC61000-4-4 (EFT)
40
A
IEC61000-4-5 ( Lightning )
12
A
Mechanical Characteristics
Description
Feature
Functional Diagram
Applications
Mechanical Characteristics


Numéro de pièce similaire - ESD05V08S-4C

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
ESD05V08S-4C SOCAY-ESD05V08S-4C Datasheet
175Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
logo
UN Semiconducctor INC
ESD05V08S-4C UNSEMI-ESD05V08S-4C Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
More results

Description similaire - ESD05V08S-4C

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
   Transient Voltage Suppressors Array for ESD Protection
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD24V08S-6L SOCAY-ESD24V08S-6L Datasheet
181Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD15V08S-4L SOCAY-ESD15V08S-4L Datasheet
263Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V25T-4C SOCAY-ESD05V25T-4C Datasheet
157Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V14T-2C SOCAY-ESD05V14T-2C Datasheet
250Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V08S-6L SOCAY-ESD05V08S-6L Datasheet
176Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-2LA SOCAY-ESD03V23T-2LA Datasheet
234Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-1A SOCAY-ESD03V23T-1A Datasheet
151Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-LA SOCAY-ESD03V23T-LA Datasheet
230Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA24C-7 SOCAY-SMDA24C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com