Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS2C220MPD1TD Fiches technique(PDF) 2 Page - Nichicon corporation

No de pièce UCS2C220MPD1TD
Description  Miniature Sized, High Ripple Current, High Reliability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHICON [Nichicon corporation]
Site Internet  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS2C220MPD1TD Fiches technique(HTML) 2 Page - Nichicon corporation

  UCS2C220MPD1TD Datasheet HTML 1Page - Nichicon corporation UCS2C220MPD1TD Datasheet HTML 2Page - Nichicon corporation UCS2C220MPD1TD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions
Frequency
Coefficient
50Hz
0.40
120Hz
0.50
1kHz
0.80
10kHz
0.90
100kHz or more
1.00
Frequency coefficient of rated ripple current
V
10
× 16
10
× 20
10
× 20
10
× 20
12.5
× 20
12.5
× 20
12.5
× 25
16
× 20
16
× 20
16
× 25
18
× 31.5
320
500
650
750
1180
1275
1420
1420
1890
2370
3130
10
× 16
10
× 20
10
× 20
12.5
× 20
12.5
× 20
16
× 20
16
× 20
16
× 25
18
× 25
18
× 35.5
320
500
650
980
1300
1380
1420
1890
2365
3220
10
× 20
10
× 20
12.5
× 20
12.5
× 20
16
× 20
16
× 20
16
× 25
18
× 25
18
× 31.5
350
500
800
980
1300
1380
1530
1940
3130
10
× 16
10
× 20
12.5
× 20
16
× 20
16
× 20
16
× 25
18
× 20
18
× 25
18
× 25
280
350
650
900
1080
1400
1375
1530
1575
10
× 16
10
× 20
12.5
× 20
12.5
× 20
16
× 20
16
× 25
18
× 20
18
× 25
18
× 25
280
350
550
760
900
1180
1180
1470
1525
10
× 20
12.5
× 20
12.5
× 25
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
280
450
600
730
980
980
1200
1575
2C
2D
2E
2V
2G
2W
160
200
250
350
400
450
Case size
φD
× L (mm)
: Rated ripple current (mArms) at 105
°C 100kHz
: In this case, 6 will be put at 12th digit of type
numbering system.
Cap
Code
6.8
10
15
22
33
47
68
82
100
150
220
330
6R8
100
150
220
330
470
680
820
101
151
221
331
.010
× 40.0
.010
× 40.0
.010
× 50.0
12.5
× 50
.010
× 40.0
.010
× 50.0
12.5
× 50
.010
× 40.0
.010
× 50.0
12.5
× 50
CS
series
ALUMINUM ELECTROLYTIC CAPACITORS
27
33
39
56
68
82
100
120
150
180
270
270
330
390
560
680
820
101
121
151
181
271
.010
× 40.0
.010
× 40.0
.010
× 50.0
12.5
× 50
1260
1360
1660
2530
2D
2E
2G
200
250
400
1220
1360
2070
800
1040
1400
580
720
820
1340
V
2W
450
Rated ripple current (mArms) at 105°C 100kHz
: In this case, 9 will be put at 12th digit of type numbering system.
Pencil-shaped Type
Code
Cap.(µF)
Case size
φ D × L (mm)
CAT.8100C


Numéro de pièce similaire - UCS2C220MPD1TD

FabricantNo de pièceFiches techniqueDescription
logo
Nichicon corporation
UCS2C220MHD NICHICON-UCS2C220MHD Datasheet
93Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Description similaire - UCS2C220MPD1TD

FabricantNo de pièceFiches techniqueDescription
logo
Nichicon corporation
UHW NICHICON-UHW_17 Datasheet
766Kb / 4P
   Miniature Sized, High Ripple Current, High Reliability
UHW NICHICON-UHW_18 Datasheet
767Kb / 4P
   Miniature Sized, High Ripple Current,High Reliability
UHE1H471MHD6 NICHICON-UHE1H471MHD6 Datasheet
75Kb / 5P
   Miniature Sized, Low Impedance,High Reliability
UHE1A102MPD NICHICON-UHE1A102MPD_V01 Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
logo
Surge Components
STG1K152MND2535 SURGE-STG1K152MND2535 Datasheet
341Kb / 3P
   High ripple current, High reliability
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
   High Ripple Current ??Low ESR ??High Reliability
logo
Nichicon corporation
RS6 NICHICON-RS6 Datasheet
684Kb / 2P
   Miniature Sized, High Capacitance
UPW1C681MPD1TD NICHICON-UPW1C681MPD1TD Datasheet
81Kb / 5P
   Miniature Sized, Low lmpedance, High Reliability For Switching Power Supplies
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
   High ripple current
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
   High ripple current
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com