Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4223-BS Fiches technique(PDF) 5 Page - Cirrus Logic

No de pièce CS4223-BS
Description  24-Bit 105 dB Audio Codec with Volume Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4223-BS Fiches technique(HTML) 5 Page - Cirrus Logic

  CS4223-BS Datasheet HTML 1Page - Cirrus Logic CS4223-BS Datasheet HTML 2Page - Cirrus Logic CS4223-BS Datasheet HTML 3Page - Cirrus Logic CS4223-BS Datasheet HTML 4Page - Cirrus Logic CS4223-BS Datasheet HTML 5Page - Cirrus Logic CS4223-BS Datasheet HTML 6Page - Cirrus Logic CS4223-BS Datasheet HTML 7Page - Cirrus Logic CS4223-BS Datasheet HTML 8Page - Cirrus Logic CS4223-BS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
CS4223 CS4224
DS290PP3
5
ANALOG CHARACTERISTICS (CONTINUED)
Notes: 5. The passband and stopband edges scale with frequency. For input word rates, Fs, other than 48 kHz,
the 0.01 dB passband edge is 0.4535x Fs and the stopband edge is 0.5465x Fs.
6. Digital filter characteristics.
7. Measurement bandwidth is 10 Hz to 3 Fs.
Parameter
Symbol
CS4223/4 - KS
CS4223/4 - BS
Unit
Min
Typ
Max
Min
Typ
Max
Analog Output Characteristics - Minimum Attenuation, 10 k
, 100 pF load; unless otherwise specified.
DAC Resolution
-
-
24
-
-
24
Bits
Signal-to-Noise, Idle-Channel Noise
(CS4224 only)
DAC muted, A-weighted
102
110
-
97
110
-
dB
Dynamic Range
DAC not muted, A-weighted
DAC not muted, unweighted
100
97
105
102
-
-
95
92
105
102
-
-
dB
dB
Total Harmonic Distortion
THD
-
0.0014
-
-
0.0014
-
%
Total Harmonic Distortion + Noise
THD+N
-
-97
-92
-
-97
-87
dB
Interchannel Isolation
(1 kHz)
-
90
-
-
90
-
dB
Interchannel Gain Mismatch
-
-
0.1
-
-
0.1
dB
Attenuation Step Size
All Outputs
0.35
0.5
0.65
0.35
0.5
0.65
dB
Programmable Output Attenuation Span
110
113.5
-
110
113.5
-
dB
Differential Offset Voltage
-
±10
-
-
±10
-
mV
Common Mode Output Voltage
-
2.4
-
-
2.4
-
V
Full Scale Output Voltage
1.8
1.9
2.0
1.8
1.9
2.0
Vrms
Gain Drift
-
100
-
-
100
-
ppm/°
C
Out-of-Band Energy
Fs/2 to 2 Fs
-
-60
-
-
-60
-
dBFs
Analog Output Load
Resistance
Capacitance
10
-
-
-
-
100
10
-
-
-
-
100
k
pF
Combined Digital and Analog Filter Characteristics
Frequency Response10 Hz to 20 kHz
-
±0.1
-
-
±0.1
-
dB
Deviation from Linear Phase
-
±0.5
-
-
±0.5
-
Degree
Passband: to 0.01 dB corner (Notes 5 and 6)
0
-
21.8
0
-
21.8
kHz
Passband Ripple
(Note 6)
-
-
±0.01
-
-
±0.01
dB
Stopband
(Notes 5 and 6)
26.2
-
-
26.2
-
-
kHz
Stopband Attenuation
(Note 7)
70
-
-
70
-
-
dB
Group Delay (Fs = Input Word Rate)
tgd
-16/Fs
-
-
16/Fs-
s
Power Supply
Power Supply Current
VA
VD
VL
Total Power Down
-
-
-
-
46
9
3
0.4
60
20
5
-
-
-
-
-
46
9
3
0.4
60
20
5
-
mA
mA
mA
mA
Power Supply Rejection Ratio
1 kHz
-
65
-
-
65
-
dB


Numéro de pièce similaire - CS4223-BS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4223-BS CIRRUS-CS4223-BS Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results

Description similaire - CS4223-BS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
   24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
   24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Cirrus Logic
CS4245 CIRRUS-CS4245 Datasheet
1Mb / 54P
   105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com