Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4225-BL Fiches technique(PDF) 9 Page - Cirrus Logic

No de pièce CS4225-BL
Description  Digital Audio Conversion System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4225-BL Fiches technique(HTML) 9 Page - Cirrus Logic

Back Button CS4225-BL Datasheet HTML 5Page - Cirrus Logic CS4225-BL Datasheet HTML 6Page - Cirrus Logic CS4225-BL Datasheet HTML 7Page - Cirrus Logic CS4225-BL Datasheet HTML 8Page - Cirrus Logic CS4225-BL Datasheet HTML 9Page - Cirrus Logic CS4225-BL Datasheet HTML 10Page - Cirrus Logic CS4225-BL Datasheet HTML 11Page - Cirrus Logic CS4225-BL Datasheet HTML 12Page - Cirrus Logic CS4225-BL Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
0.1
µF
2.0
1
µF
0.1
µF
+
VA
VD
VR EF
0.1
µF
+
10
µF
1
µF
+
CS4225
CM O U T
AG N D 1 ,2
DGND
SD O U T 1
SCL K
SD O U T 2
DS P
SD IN 2
+5V
Sup ply
To O p tional
Inp u t B uffers
SD IN 1
F e rrite B e a d
+
> 1 .8
µF
>
47 k
+
> 1 .8
µF
>
47 k
AO UT 3
AOU T 4
600
600
0 .00 22
µF
NP O
0 .00 22
µF
NP O
+
> 1 .8
µF
>
47 k
+
> 1 .8
µF
>
47k
AO UT 1
AOU T 2
600
600
0 .00 22
µF
NP O
0 .00 22
µF
NP O
Au dio
CL K O UT
LR C K
OV L
RS T -P D N
Mo d e
Setting
H/S
and
Hardware
Con tro ls
IS 0 /A D O
IS1/AD 1
AIN 1 L
1.0
µF
Dig ita l
A udio
S ource
S C LKA U X
L RCK A U X
DA T A UX
M icro-
C o ntro ller
SCL /C CL K/IF 0
SD A/CD O U T /C K F 0
AD2/CDIN/C K F 1
A D 3 /C S /IF 1
DIF/HOLD
DE M
AIN 1 R
1.0
µF
AIN 2 L
1.0
µF
AIN 2 R
1.0
µF
AIN 3 L
1.0
µF
AIN 3 R
1.0
µF
0.4 7
µF
XT O
X T I
C2
C1
AINAU X
150
0 .47
µF
0.0 1
µF
CR
CL
NP O
0.01
µF
NP O
FILT
0.2
µF
A ll unused inputs
sh ou ld b e tied to 0 V .
A ll N C pins s h o u ld
b e le ft floating.
External
Clo c k
Input
+ 5V A n alog (optio na l)
If a se p ara te + 5 V an alog su pp ly
is a v a ila ble , atta ch here an d
re m ove th e 2.0
re sisto r
3
26
23
19
18
16
17
15
14
21
22
20
4
5
6
38
33
39
37
13
12
25
31
2
32
35
34
27
28
29
30
24
11
7
9
10
8
43
42
1
44
41
40
36
0 .01
µF
NP O
Figure 1 - Recommended Connection Diagram
CS4225
DS86PP8
9


Numéro de pièce similaire - CS4225-BL

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4220-KS CIRRUS-CS4220-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221 CIRRUS-CS4221 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221-KS CIRRUS-CS4221-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
More results

Description similaire - CS4225-BL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7360 PHILIPS-SAA7360 Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
logo
Richtek Technology Corp...
RT9107B RICHTEK-RT9107B Datasheet
641Kb / 42P
   Dual-Channel Digital Audio System
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
logo
NXP Semiconductors
SAA7220 PHILIPS-SAA7220 Datasheet
247Kb / 20P
   DIGITAL FILTER FOR COMPACT DISC DIGITAL AUDIO SYSTEM
September 1985
logo
STMicroelectronics
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
logo
ATMEL Corporation
ATR4255P ATMEL-ATR4255P Datasheet
386Kb / 34P
   FM Double-conversion System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com