Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4202 Fiches technique(PDF) 43 Page - Cirrus Logic

No de pièce CS4202
Description  Audio Codec 97 with headphone Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4202 Fiches technique(HTML) 43 Page - Cirrus Logic

Back Button CS4202 Datasheet HTML 39Page - Cirrus Logic CS4202 Datasheet HTML 40Page - Cirrus Logic CS4202 Datasheet HTML 41Page - Cirrus Logic CS4202 Datasheet HTML 42Page - Cirrus Logic CS4202 Datasheet HTML 43Page - Cirrus Logic CS4202 Datasheet HTML 44Page - Cirrus Logic CS4202 Datasheet HTML 45Page - Cirrus Logic CS4202 Datasheet HTML 46Page - Cirrus Logic CS4202 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
CS4202
DS549PP1
43
5.3
Serial Data Formats
In order to support a wide variety of serial audio
DACs, the CS4202 can transmit serial data in four
different formats. The desired format is selected
through the SDF[1:0] bits in the Serial Port Control
Register (Index 6Ah). All serial ports use the same
serial data format when enabled. In all cases, LR-
CLK will be synchronous with Fs, and SCLK will
be 64 Fs (BIT_CLK/4). Serial data is transitioned by
the CS4202 on the falling edge of SCLK and latched
by the DACs on the next rising edge. Serial data is
shifted out MSB first in all supported formats, but
LRCLK polarity as well as data justification, align-
ment, and resolution vary. Table 14 shows the prin-
cipal characteristics of each serial format.
SDF[1:0]
LRCLK
Polarity
Data
Justification
Data Alignment
(MSB vs. LRCLK)
Data
Resolution
Timing
Diagram
Recommended
DAC
0 0
negative
left justified
1 SCLK delayed
20-bit
Figure 11
CS4334
0 1
positive
left justified
not delayed
20-bit
Figure 12
CS4335
1 0
positive
right justified
not delayed
20-bit
Figure 13
CS4337
1 1
positive
right justified
not delayed
16-bit
Figure 14
CS4338
Table 14. Serial Data Formats and Compatible DACs for the CS4202
LR C K
SC L K
Left C ha n ne l
R ight C han ne l
SD AT A
+3 +2 +1 LSB
+5 +4
MSB -1 -2-3-4-5
+3 +2 +1 LSB
+5 +4
MSB -1-2-3-4
Figure 11. Serial Data Format 0 (I
2S)
LR C K
SC L K
Left C ha n ne l
R ight C han ne l
SD AT A
+3 +2 +1 LSB
+5 +4
MSB-1 -2-3-4-5
+3 +2 +1 LSB
+5 +4
MSB -1-2-3-4
Figure 12. Serial Data Format 1 (Left Justified)
L RCK
SC L K
Le ft C h ann el
R ight C ha nne l
SD A T A
654321
0
987
15 14 13 12 11 10
10
6543
210
98
7
15 14 13 12 11 10
17 16
17 16
19 18
19 18
Figure 13. Serial Data Format 2 (Right Justified, 20-bit data)
L RCK
SC L K
Left C ha nnel
R ight C hannel
SD A T A
65
43
21
0
98
7
15 14 13 12 11 10
6
5
432
10
98
7
15 14 13 12 11 10
Figure 14. Serial Data Format 3 (Right Justified, 16-bit data)


Numéro de pièce similaire - CS4202

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4202-JQZ CIRRUS-CS4202-JQZ Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
CS4202 CIRRUS-CS4202_05 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
More results

Description similaire - CS4202

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
   CrystalClear Audio Codec 97 with headphone Amplifier
CS4202 CIRRUS-CS4202_05 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
logo
Cirrus Logic
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
   I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
Cirrus Logic
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com