Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4202 Fiches technique(PDF) 19 Page - Cirrus Logic

No de pièce CS4202
Description  Audio Codec 97 with headphone Amplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4202 Fiches technique(HTML) 19 Page - Cirrus Logic

Back Button CS4202 Datasheet HTML 15Page - Cirrus Logic CS4202 Datasheet HTML 16Page - Cirrus Logic CS4202 Datasheet HTML 17Page - Cirrus Logic CS4202 Datasheet HTML 18Page - Cirrus Logic CS4202 Datasheet HTML 19Page - Cirrus Logic CS4202 Datasheet HTML 20Page - Cirrus Logic CS4202 Datasheet HTML 21Page - Cirrus Logic CS4202 Datasheet HTML 22Page - Cirrus Logic CS4202 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
CS4202
DS549PP1
19
3.2.3
Status Data Port (Slot 2)
RD[15:0]
Read Data. The RD[15:0] bits contain the register data requested by the controller from the
previous read request. All read requests will return the read address in the input Slot 1 and
the register data in the input Slot 2 on the following serial data frame.
3.2.4
PCM Capture Data (Slot 3-4,6-8,11)
CD[17:0]
Capture Data. The CD [17:0] bits contain 18-bit PCM (2’s complement) capture data. The
data will only be valid when the respective slot valid bit is ‘set’ in input Slot 0. The mapping of
a given slot to an ADC is determined by the state of the ASA[1:0] bits in the AC Mode Control
Register (index 5Eh). The definition of each slot can be found in Table 8 on page 30.
3.2.5
GPIO Pin Status (Slot 12)
GPIO[4:0]
GPIO Pin Status. The GPIO[4:0] bits reflect the status of the CS4202 GPIO pins configured
as inputs. The pin status of GPIO pins configured as outputs will be reflected back on the
GPIO[4:0] bits of input Slot 12 in the next frame. The output GPIO pins are controlled by the
GPIO[4:0] pin control bits in output Slot 12.
BDI
BIOS-Driver Interface. The BDI bit indicates that a BIOS event has occurred. This bit is a logic
OR of all bits in the BDI Status Register (Index 7Ah) ANDed with their corresponding bit in the
BDI Config Register (Index 70h).
GPIO_INT
GPIO Interrupt. The GPIO_INT bit indicates that a GPIO or BDI interrupt event has occurred.
The occurrence of a GPIO interrupt is determined by the GPIO interrupt requirements as out-
lined in the GPIO Pin Wakeup Mask Register (Index 52h) description. In this case, the
GPIO_INT bit is cleared by writing a ‘0’ to the bit in the GPIO Pin Status Register (Index 54h)
corresponding to the GPIO pin which generated the interrupt.
The occurrence of a BDI interrupt is determined by the BDI interrupt requirements as outlined
in the BDI Control Registers (Index 70h - 72h). In this case, the GPIO_INT bit is cleared by
writing a ‘0’ to the bit in the BDI Status Register (Index 7Ah) that generated the interrupt.
Bit 19
18
17
16
15
14
13
12
11
10
9876
54
3210
RD15 RD14 RD13 RD12 RD11 RD10 RD9 RD8 RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0
Reserved
Bit 19
18
17
16
15
14
13
12
11
10
98765
4321
0
CD17 CD16 CD15 CD14 CD13 CD12 CD11 CD10 CD9 CD8 CD7 CD6 CD5 CD4 CD3 CD2 CD1 CD0
0
0
Bit 19 18
17
16
15
14
13
12
11
10
9
87654
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
GPIO4 GPIO3 GPIO2 GPIO1 GPIO0 Res BDI Res
GPIO
_INT


Numéro de pièce similaire - CS4202

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4202-JQZ CIRRUS-CS4202-JQZ Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
CS4202 CIRRUS-CS4202_05 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
More results

Description similaire - CS4202

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
   CrystalClear Audio Codec 97 with headphone Amplifier
CS4202 CIRRUS-CS4202_05 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
logo
Cirrus Logic
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
   I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
Cirrus Logic
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com