Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3002-IS Fiches technique(PDF) 11 Page - Cirrus Logic

No de pièce CS3002-IS
Description  PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3002-IS Fiches technique(HTML) 11 Page - Cirrus Logic

Back Button CS3002-IS Datasheet HTML 7Page - Cirrus Logic CS3002-IS Datasheet HTML 8Page - Cirrus Logic CS3002-IS Datasheet HTML 9Page - Cirrus Logic CS3002-IS Datasheet HTML 10Page - Cirrus Logic CS3002-IS Datasheet HTML 11Page - Cirrus Logic CS3002-IS Datasheet HTML 12Page - Cirrus Logic CS3002-IS Datasheet HTML 13Page - Cirrus Logic CS3002-IS Datasheet HTML 14Page - Cirrus Logic CS3002-IS Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS3001
CS3002
11
Figure 14onpage 12 illustrates a load cell bridge
amplifier with a gain of 768 V/V. The load cell is
excited with +5 V and has a 1 mV/V sensitivity. Its
full scale output signal is amplified to produce a
fully differential
± 3.8 V into the CS5510/12 A/D
converter. This circuit operates from +5 V.
A similar circuit operating from +3 V can be
constructed using the CS5540/CS5541 A/D con-
verters.
C S 3001
R1
10 0
R2
64.9k
C1
0.015
µµµµF
D exter Research
Therm opile 1M
T h e rm o p ile A m p lifie r w ith a G ain o f 65 0 V /V
Figure 13. Thermopile Amplifier with a Gain of 650 V/V


Numéro de pièce similaire - CS3002-IS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS3002-IS CIRRUS-CS3002-IS Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3002-ISZ CIRRUS-CS3002-ISZ Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3002-ISZ CIRRUS-CS3002-ISZ Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
More results

Description similaire - CS3002-IS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS3011 CIRRUS-CS3011_07 Datasheet
466Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3001 CIRRUS-CS3001_08 Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3001 CIRRUS-CS3001_09 Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3011 CIRRUS-CS3011_09 Datasheet
732Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3011 CIRRUS-CS3011 Datasheet
131Kb / 4P
   Precision Low Voltage Amplifier; DC to 1 kHz
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
   Precision Low-voltage Amplifier
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
   Precision Low-voltage Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
   Precision Low-voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com