Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8141YTHA7 Fiches technique(PDF) 9 Page - Cherry Semiconductor Corporation

No de pièce CS8141YTHA7
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8141YTHA7 Fiches technique(HTML) 9 Page - Cherry Semiconductor Corporation

Back Button CS8141YTHA7 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS8141YTHA7 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Application Notes
The duration of the reset pulse is given by:
TWDI(
)(typ) = (1 x 10
4) x CDELAY
This has a tolerance of ±50% due to the IC, and ±10% due
to the capacitor.
The duration of the reset pulse ranges from 3.69ms to
13.5ms.
The watchdog signal can be expressed as a frequency or
time. From a programmers point of view, time is more
useful since they must ensure that a watchdog signal is
issued consistently several times per second.
The maximum and minimum watchdog times are given
by:
tWDI(LOWER) = (1.3 x 105)CDELAY
tWDI(UPPER) = (3.82 x 104)CDELAY
There is a tolerance of ±20% due to the CS8140.
With a capacitor tolerance of ±10%:
tWDI(LOWER) = (1.3 x 105) x 1.20 x 1.1 x CDELAY
tWDI(UPPER) = (3.82 x 104) x 0.8 x 0.9 x CDELAY
tWDI(LOWER) = 141ms(max)
tWDI(UPPER) = 22.5ms (max)
tWDI(LOWER) = (1.3 x 105) x 0.8 x 0.9 x CDELAY
tWDI(UPPER) = (3.82 x 104) x 1.2 x 1.1 x CDELAY
tWDI(LOWER) = 76ms(min)
tWDI(UPPER) = 41ms (min)
The software must be written so that a watchdog signal
arrives at least every 76ms but not faster than every 41ms
(Figure 5).
Figure 5: WDI signal for CDelay = 0.82µF using CS8140.
The CS8141 is identical to the CS8140 except that the
CS8141 only has a lower watchdog frequency threshold.
The designer using this part need only be concerned with
tWDI(LOWER) as shown in Figure 6.
Figure 6: WDI signal for CDelay = 0.82µF using CS8141.
Energy conservation is another benefit of using a regulator
with integrated microprocessor control features. Using the
CS8140 or CS8141 as indicated in Figure 8, the micropro-
cessor can control its own power down sequence. The
momentary contact switch quickly charges C1 through R1.
When the voltage across C1 reaches 3.95V ( the enable
threshold), the output switches on and VOUT rises to 5V.
After a delay period determined by CDelay, a frequency
programmable reset pulse train is generated at the reset
output. The pulse train continues until the correct watch-
dog signal appears at the WDI lead. C1 is now left to dis-
charge through the input impedance of the enable lead
(approximately 150k½) and the enable signal disappears.
The output voltage remains at 5V as long as the CS8140
continues to receive the correct watchdog signal.
The microprocessor can power itself down by terminating
its watchdog signal. When the microprocessor finishes its
housekeeping or power down software routine, it stops
sending a watchdog signal. In response, the regulator
generates a reset signal and goes into a sleep mode where
VOUT drops to 0V, shutting down the microprocessor.
The output or compensation capacitor C2 in Figure 7 helps
determine three main characteristics of a linear regulator:
start-up delay, load transient response and loop stability.
The capacitor value and type should be based on cost,
availability, size and temperature constraints. A tantalum
or aluminum electrolytic capacitor is best, since a film or
ceramic capacitor with almost zero ESR can cause instabili-
ty. The aluminum electrolytic capacitor is the least expen-
sive solution, but, if the circuit operates at low tempera-
tures (-25¡C to -40¡C), both the value and ESR of the
capacitor will vary considerably. The capacitor manufac-
turers data sheet usually provide this information.
The value for the output capacitor C2 in Figure 7 should
work for most applications, however it is not necessarily
the optimized solution.
To determine an acceptable value for C2 for a particular
application, start with a tantalum capacitor of the recom-
mended value and work towards a less expensive alterna-
tive part.
Step 1:
Place the completed circuit with a tantalum capac-
itor of the recommended value in an environmental cham-
ber at the lowest specified operating temperature and
monitor the outputs with an oscilloscope. A decade box
connected in series with the capacitor will simulate the
higher ESR of an aluminum capacitor. Leave the decade
box outside the chamber, the small resistance added by the
longer leads is negligible.
Step 2:
With the input voltage at its maximum value,
increase the load current slowly from zero to full load
while observing the output for any oscillations. If no oscil-
lations are observed, the capacitor is large enough to
ensure a stable design under steady state conditions.
Stability Considerations
Energy Conservation and Smart Features
PASS
FAIL
Hz
ms
7
141
13
76
PASS
FAIL
FAIL
Hz
ms
C = 0.1
mF ± 10%
13
744
22.5
9
32
24
41
141
76
31
107
RESET


Numéro de pièce similaire - CS8141YTHA7

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YT5 CHERRY-CS8147YT5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147YT5 ONSEMI-CS8147YT5 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YTHA5 CHERRY-CS8147YTHA5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
More results

Description similaire - CS8141YTHA7

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com