Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF150 Fiches technique(PDF) 7 Page - Nell Semiconductor Co., Ltd

No de pièce IRF150
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF150 Fiches technique(HTML) 7 Page - Nell Semiconductor Co., Ltd

  IRF150 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF150 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF150 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF150 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF150 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF150 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF150 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
TO-3PB
15.6±0.4
9.6
2
3
1.05
+0.2
-0.1
5.45±0.1
5.45±0.1
Φ3.2 0,1
±
4.8±0.2
2.0±0.1
0.65
+0.2
-0.1
1.4
G
D
S
1
2
3
All dimensions in millimeters(inches)
D (Drain)
G
(Gate)
S (Source)
www.nellsemi.com
Page 7 of 7
IRF150 Series
All dimensions in millimeters(inches)
D (Drain)
G
(Gate)
S (Source)
TO-247AB
5.38 (0.212)
6.20 (0.244)
15.49 (0.610)
16.26 (0.640)
16.15 (0.242)
20.80 (0.819)
21.
(0.845)
46
19.81 (0.780)
20.32 (0.800)
4.50 (0.177)Max
1.01 (0.040)
1.40 (0.055)
5.45 (0.215)
5.45 (0.215)
1.65 (0.065)
2.13 (0.084)
2.87 (0.113)
3.12 (0.123)
3.55 (0.138)
3.81 (0.150)
(TYP.)
(TYP.)
G
S
D
4.69 (0.185)
5.31 (0.209)
1.49 (0.059)
2.49 (0.098)
0.40 (0.016)
0.79 (0.031)
2.21 (0.087)
2.59 (0.102)


Numéro de pièce similaire - IRF150

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
IRF150 SAMSUNG-IRF150 Datasheet
210Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF150 SEME-LAB-IRF150 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF150 FAIRCHILD-IRF150 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
Intersil Corporation
IRF150 INTERSIL-IRF150 Datasheet
57Kb / 7P
   40A, 100V, 0.055 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
More results

Description similaire - IRF150

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com