Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5206-3GT3 Fiches technique(PDF) 3 Page - Cherry Semiconductor Corporation

No de pièce CS5206-3GT3
Description  6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5206-3GT3 Fiches technique(HTML) 3 Page - Cherry Semiconductor Corporation

  CS5206-3GT3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5206-3GT3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5206-3GT3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5206-3GT3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5206-3GT3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5206-3GT3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5206-3GT3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Typical Performance Characteristics
0.85
0.70
0.80
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
Output Current (A)
0.75
1.40
01
2
3
4
5
6
TCASE = 125°C
TCASE = 25°C
TCASE = 0°C
0
10
130
-0.12
0.10
TJ (°C)
20
30
40
50
60
70
80
90 100 110 120
0.08
0.06
0.04
0.02
0.00
-0.02
-0.04
-0.06
-0.08
-0.10
0.025
0.000
0.050
0.075
0.100
0.200
0.125
0.150
0.175
Output Current (A)
01
2
3
4
5
6
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C
Dropout Voltage vs. Output Current
Reference Voltage vs. Temperature
Load Regulation vs. Output Current
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s Fixed Output Voltage (CS5206 -3, -5)
RMS Output Noise (%VOUT)
10Hz²f²10kHz
0.003
%VOUT
Thermal Shutdown
150
180
¡C
Thermal Shutdown Hysteresis
25
¡C
Note 1: Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in out-
put voltage due to thermal gradients or temperature changes must be taken into account separately.
Note 2: Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4Ó from the bottom of the package.
Note 3: Dropout voltage is a measurement of the minimum input/output differential at full load.
Electrical Characteristics: CIN = 10µF, COUT = 22µF Tantalum, VIN Ð VOUT=3V, VIN ² 10V, 0¡C ² TA ² 70¡C, TJ ² +150¡C,
unless otherwise specified, Ifull load = 6A.
CS5206 -1
CS5206 -3, -5
D2PAK
3L TO-220
D2PAK
3L TO-220
1
1
N/A
N/A
Adj
Adjust pin (low side of the internal reference).
22
2
2
VOUT
Regulated output voltage (case).
33
3
3
VIN
Input voltage.
N/A
N/A
1
1
Gnd
Ground connection.
1
2
3
456
0.550
VIN – VOUT (V)
TCASE = 0°C
TCASE = 125°C
7
0.875
1.200
1.525
1.850
2.175
2.500
8
9
TCASE = 25°C
Minimum Load Current


Numéro de pièce similaire - CS5206-3GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS5206-3GT3 ONSEMI-CS5206-3GT3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
More results

Description similaire - CS5206-3GT3

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
   5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com