Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB818AG6 Fiches technique(PDF) 2 Page - Cystech Electonics Corp.

No de pièce BTB818AG6
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB818AG6 Fiches technique(HTML) 2 Page - Cystech Electonics Corp.

  BTB818AG6 Datasheet HTML 1Page - Cystech Electonics Corp. BTB818AG6 Datasheet HTML 2Page - Cystech Electonics Corp. BTB818AG6 Datasheet HTML 3Page - Cystech Electonics Corp. BTB818AG6 Datasheet HTML 4Page - Cystech Electonics Corp. BTB818AG6 Datasheet HTML 5Page - Cystech Electonics Corp. BTB818AG6 Datasheet HTML 6Page - Cystech Electonics Corp. BTB818AG6 Datasheet HTML 7Page - Cystech Electonics Corp. BTB818AG6 Datasheet HTML 8Page - Cystech Electonics Corp. BTB818AG6 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C240G6
Issued Date : 2013.05.03
Revised Date : 2013.08.29
Page No. : 2/9
BTB818AG6
CYStek Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-50
-
-
V
IC=-50μA, IE=0
BVCEO
-30
-
-
V
IC=-1mA, IB=0
BVEBO
-7
-
-
V
IE=-50μA, IC=0
ICBO
-
-
-100
nA
VCB=-50V, IE=0
IEBO
-
-
-100
nA
VEB=-7V, IC=0
*VCE(sat) 1
-
-108
-150
mV
IC=-500mA, IB=-5mA
*VCE(sat) 2
-
-175
-300
mV
IC=-1.2A, IB=-12mA
*VCE(sat) 3
-
-376
-500
mV
IC=-2A, IB=-20mA
*VBE(sat) 1
-
-0.75
-1.1
V
IC=-500mA, IB=-5mA
*VBE(sat) 2
-
-0.82
-1.1
V
IC=-1.2A, IB=-12mA
*VBE(sat) 3
-
-0.89
-1.2
V
IC=-2A, IB=-20mA
*VBE(on)
-
-0.73
-1.1
V
VCE=-2V, IC=-500mA
*hFE 1
100
-
-
-
VCE=-1V, IC=-500mA
*hFE 2
100
-
-
-
VCE=-3V, IC=-2.5A
fT
-
150
-
MHz
VCE=-5V, IC=-10mA, f=100MHz
Cob
-
12
-
pF
VCB=-10V, f=1MHz
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
BTB818AG6-0-T1-G
TSOP-6
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel


Numéro de pièce similaire - BTB818AG6

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB818N6 CYSTEKEC-BTB818N6 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Description similaire - BTB818AG6

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com