Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA1900M3 Fiches technique(PDF) 2 Page - Cystech Electonics Corp.

No de pièce BTA1900M3
Description  General Purpose PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1900M3 Fiches technique(HTML) 2 Page - Cystech Electonics Corp.

  BTA1900M3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1900M3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1900M3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1900M3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1900M3 Datasheet HTML 5Page - Cystech Electonics Corp. BTA1900M3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C314M3
Issued Date : 2007.04.23
Revised Date : 2013.08.07
Page No. : 2/6
BTA1900M3
CYStek Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-100μA
BVCEO
-50
-
-
V
IC=-10mA
BVEBO
-5
-
-
V
IE=-100μA
ICBO
-
-
-100
nA
VCB=-80V
IEBO
-
-
-100
nA
VEB=-5V
*VCE(sat)
-
-
-0.25
V
IC=-500mA, IB=-50mA
*VCE(sat)
-
-
-0.5
V
IC=-1A, IB=-100mA
*VCE(sat)
-
-
-1.0
V
IC=-2A, IB=-200mA
*VBE(on)
-
-
-1.0
V
VCE=-2V, IC=-1A
*hFE 1
100
-
-
-
VCE=-2V, IC=-5mA
*hFE 2
120
-
270
-
VCE=-2V, IC=-500mA
*hFE 3
60
-
-
-
VCE=-2V, IC=-1A
fT
100
-
-
MHz
VCE=-5V, IC=-100mA, f=100MHz
Cob
-
-
25
pF
VCB=-10V, IE=0A,f=1MHz
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
BTA1900M3
SOT-89
(Pb-free lead plating package)
1000 pcs / Tape & Reel
AH


Numéro de pièce similaire - BTA1900M3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952I3 CYSTEKEC-BTA1952I3 Datasheet
217Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952J3 CYSTEKEC-BTA1952J3 Datasheet
142Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952J3 CYSTEKEC-BTA1952J3 Datasheet
234Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952J3 CYSTEKEC-BTA1952J3_09 Datasheet
234Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Description similaire - BTA1900M3

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com