Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N65Z Fiches technique(PDF) 4 Page - Unisonic Technologies

No de pièce 6N65Z
Description  6.2A, 650V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N65Z Fiches technique(HTML) 4 Page - Unisonic Technologies

  6N65Z Datasheet HTML 1Page - Unisonic Technologies 6N65Z Datasheet HTML 2Page - Unisonic Technologies 6N65Z Datasheet HTML 3Page - Unisonic Technologies 6N65Z Datasheet HTML 4Page - Unisonic Technologies 6N65Z Datasheet HTML 5Page - Unisonic Technologies 6N65Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6N65Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-734, C
TEST CIRCUITS AND WAVEFORMS
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Numéro de pièce similaire - 6N65Z

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
6N65Z-Q UTC-6N65Z-Q Datasheet
249Kb / 6P
   N-CHANNEL POWER MOSFET
6N65ZG-TF3-T UTC-6N65ZG-TF3-T Datasheet
251Kb / 6P
   N-CHANNEL POWER MOSFET
6N65ZG-TF3-T UTC-6N65ZG-TF3-T Datasheet
245Kb / 6P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
6N65ZG-TF3-T UTC-6N65ZG-TF3-T Datasheet
249Kb / 6P
   N-CHANNEL POWER MOSFET
6N65ZL-TF3-T UTC-6N65ZL-TF3-T Datasheet
251Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Description similaire - 6N65Z

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
6N65 UTC-6N65 Datasheet
252Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N65 DGNJDZ-NJ6N65 Datasheet
645Kb / 6P
   6.2A 650V N-CHANNEL POWER MOSFET
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
   6.2A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
   6.2A, 900V N-CHANNEL POWER MOSFET
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
   Single N-Channel, 30V, 6.2A, Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com