Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC284XBN Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce UC284XBN
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC284XBN Fiches technique(HTML) 4 Page - Motorola, Inc

  UC284XBN Datasheet HTML 1Page - Motorola, Inc UC284XBN Datasheet HTML 2Page - Motorola, Inc UC284XBN Datasheet HTML 3Page - Motorola, Inc UC284XBN Datasheet HTML 4Page - Motorola, Inc UC284XBN Datasheet HTML 5Page - Motorola, Inc UC284XBN Datasheet HTML 6Page - Motorola, Inc UC284XBN Datasheet HTML 7Page - Motorola, Inc UC284XBN Datasheet HTML 8Page - Motorola, Inc UC284XBN Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UC3844B, 45B UC2844B, 45B
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 2], RT = 10 k, CT = 3.3 nF. For typical values TA = 25°C, for min/max values TA is
the operating ambient temperature range that applies [Note 3], unless otherwise noted.)
UC284XB
UC384XB, XBV
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
PWM SECTION
Duty Cycle
Maximum (UC284XB, UC384XB)
Maximum (UC384XBV)
Minimum
DC(max)
DC(min)
47
48
50
0
47
46
48
48
50
50
0
%
TOTAL DEVICE
Power Supply Current
Startup (VCC = 6.5 V for UCX845B,
Start–Up (VCC 14 V for UCX844B, BV)
Operating (Note 2)
ICC
0.3
12
0.5
17
0.3
12
0.5
17
mA
Power Supply Zener Voltage (ICC = 25 mA)
VZ
30
36
30
36
V
NOTES: 2. Adjust VCC above the Startup threshold before setting to 15 V.
3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow =0°C for UC3844B, UC3845B
Thigh =+ 70°C for UC3844B, UC3845B
=– 25
°C for UC2844B, UC2845B
= + 85
°C for UC2844B, UC2845B
=– 40
°C for UC3844BV, UC3845BV
= +105
°C for UC3844BV, UC3845BV
0.8
2.0
5.0
8.0
20
50
80
1.0 M
500 k
200 k
100 k
50 k
20 k
10 k
fOSC, OSCILLATOR FREQUENCY (kHz)
Figure 1. Timing Resistor
versus Oscillator Frequency
Figure 2. Output Deadtime
versus Oscillator Frequency
1.0 M
100 k
10 k
fOSC, OSCILLATOR FREQUENCY (kHz)
50
1. CT = 10 nF
2. CT = 5.0 nF
3. CT = 2.0 nF
4. CT = 1.0 nF
5. CT = 500 pF
6. CT = 200 pF
7. CT = 100 pF
55
60
65
70
75
20 k
50 k
200 k
500 k
2
3
7
5
6
NOTE: Output switches at
1/2 the oscillator frequency
VCC = 15 V
TA = 25°C
0.5
µs/DIV
2.55 V
2.5 V
2.45 V
VCC = 15 V
AV = –1.0
TA = 25°C
VCC = 15 V
AV = –1.0
TA = 25°C
1.0
µs/DIV
2.5 V
3.0 V
2.0 V
Figure 3. Error Amp Small Signal
Transient Response
Figure 4. Error Amp Large Signal
Transient Response
1
4


Numéro de pièce similaire - UC284XBN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
UC284XBN ONSEMI-UC284XBN Datasheet
295Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
July, 2011 ??Rev. 15
UC284XBN ONSEMI-UC284XBN Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
UC284XBNG ONSEMI-UC284XBNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC284XBNG ONSEMI-UC284XBNG Datasheet
433Kb / 20P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
September, 2004 ??Rev. 3
UC284XBNG ONSEMI-UC284XBNG Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
More results

Description similaire - UC284XBN

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com