Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2844D Fiches technique(PDF) 11 Page - Motorola, Inc

No de pièce UC2844D
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC2844D Fiches technique(HTML) 11 Page - Motorola, Inc

Back Button UC2844D Datasheet HTML 6Page - Motorola, Inc UC2844D Datasheet HTML 7Page - Motorola, Inc UC2844D Datasheet HTML 8Page - Motorola, Inc UC2844D Datasheet HTML 9Page - Motorola, Inc UC2844D Datasheet HTML 10Page - Motorola, Inc UC2844D Datasheet HTML 11Page - Motorola, Inc UC2844D Datasheet HTML 12Page - Motorola, Inc UC2844D Datasheet HTML 13Page - Motorola, Inc UC2844D Datasheet HTML 14Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
UC3844, 45 UC2844, 45
11
MOTOROLA ANALOG IC DEVICE DATA
The MCR101 SCR must be selected for a holding of less than 0.5 mA at
TA(min). The simple two transistor circuit can be used in place of the SCR as
shown. All resistors are 10 k.
Figure 24. MOSFET Parasitic Oscillations
Figure 25. Bipolar Transistor Drive
Figure 26. Isolated MOSFET Drive
Figure 27. Latched Shutdown
Figure 28. Error Amplifier Compensation
The totem–pole output can furnish negative base current for enhanced
transistor turn–off, with the addition of capacitor C1.
Error Amp compensation circuit for stabilizing any current–mode topology except
for boost and flyback converters operating with continuous inductor current.
Error Amp compensation circuit for stabilizing current–mode boost and flyback
topologies operating with continuous inductor current.
Series gate resistor Rg will damp any high frequency parasitic oscillations
caused by the MOSFET input capacitance and any series wiring inductance
in the gate–source circuit.
Q1
RS
3(5)
5(8)
R
S
Q
Comp/Latch
5.0Vref
Vin
VCC
7(11)
6(10)
+
+
+
+
7(12)
+
Rg
Q1
RS
3(5)
5(8)
Vin
6(1)
C1
IB
+
0
Base Charge
Removal
Q1
3(5)
5(8)
R
S
Q
Comp/Latch
5.0Vref
Vin
VCC
7(11)
6(10)
+
+
+
+
7(12)
+
Np
R
C
RS
NS
Isolation
Boundary
VGS Waveforms
+
0
+
0
Ipk =
V(pin 1) – 1.4
3 RS
NP
NS
50% DC
25% DC
5(9)
R
R
Bias
Osc
8(14)
4(7)
2(3)
1(1)
2R
R
EA
+
+
1.0mA
2N
3903
2N
3905
MCR
101
5(9)
2(3)
1(1)
2R
R
EA
+
+
1.0mA
CI
Rf
Ri
Rd
From VO
2.5V
5(9)
2(3)
1(1)
2R
R
EA
+
+
1.0mA
Cp
CI
Rf
From VO
Rp
Rd
Ri
2.5V
T
Rf ≥ 8.8 k
T


Numéro de pièce similaire - UC2844D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
UC2844D ONSEMI-UC2844D Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Texas Instruments
UC2844D TI1-UC2844D Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
logo
STMicroelectronics
UC2844D STMICROELECTRONICS-UC2844D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2844D TI-UC2844D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
logo
ON Semiconductor
UC2844D ONSEMI-UC2844D Datasheet
617Kb / 16P
   High Performance Current Mode Controllers
July, 2006 ??Rev. 7
More results

Description similaire - UC2844D

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com